Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169ASTZF62 Datasheet(PDF) 75 Page - Analog Devices

Part # ADE5169ASTZF62
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169ASTZF62 Datasheet(HTML) 75 Page - Analog Devices

Back Button ADE5169ASTZF62 Datasheet HTML 71Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 72Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 73Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 74Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 75Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 76Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 77Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 78Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 148 page
background image
Preliminary Technical Data
ADE5166/ADE5169/ADE5566/ADE5569
Rev. PrB | Page 75 of 148
Bit
Mnemonic
Default
Description
4
MOD38EN
0
38 kHz Modulation Enable Bit
MOD38EN
Result
0
38kHz modulation is disabled.
1
38kHz modulation is enabled on the pins selected by the MOD38[7:0] bits in the
EPCFG SFR.
3 to 2
Reserved
00
Reserved. Should be left cleared.
1 to 0
XREN1,
XREN0
01
XREN[1:0]
Result
XREN1 OR
XREN0 = 1
Enable MOVX instruction to use 256 bytes of Extended RAM.
XREN1 AND
XREN0 = 0
Disable MOVX instruction.
BASIC 8052 REGISTERS
Program Counter (PC)
The program counter holds the 2-byte address of the next instruc-
tion to be fetched. The PC is initialized with 0x00 at reset and is
incremented after each instruction is performed. Note that the
amount that is added to the PC depends on the number of bytes
in the instruction, so the increment can range from one to three
bytes. The program counter is not directly accessible to the user
but can be directly modified by CALL and JMP instructions
that change which part of the program is active.
Instruction Register (IR)
The instruction register holds the opcode of the instruction
being executed. The opcode is the binary code that results from
assembling an instruction. This register is not directly accessible
to the user.
Register Banks
There are four banks containing 8-byte-wide registers each, for
a total of 32 bytes of registers. These registers are convenient for
temporary storage of mathematical operands. An instruction
involving the accumulator and a register can be executed in one
clock cycle as opposed to 2 clock cycles to perform an instruc-
tion involving the accumulator and a literal or a byte of general
purpose RAM. The register banks are located in the first 32 bytes
of RAM.
The active register bank is selected by the RS0 and RS1 bits in
the program status word SFR (PSW, 0xD0).
Accumulator
The accumulator is a working register, storing the results of
many arithmetic or logical operations. The accumulator is used
in more than half of the 8052 instructions where it is usually
referred to as A. The status register (PSW) constantly monitors
the number of bits that are set in the accumulator to determine
if it has even or odd parity. The accumulator is stored in the
SFR space (see Table 56).
B Register
The B register is used by the multiply and divide instructions,
MUL AB and DIV AB, to hold one of the operands. Because it
is not used for many instructions, it can be used as a scratchpad
register like those in the register banks. The B register is stored
in the SFR space (see Table 56).
Program Status Word (PSW)
The PSW register reflects the status of arithmetic and logical
operations through carry, auxiliary carry and overflow flags.
The parity flag reflects the parity of the contents of the accumula-
tor, which can be helpful for communication protocols. The
PSW bits are described in Table 57. The program status word
SFR (PSW, 0xD0) is bit addressable.
Data Pointer (DPTR)
The data pointer is made up of two 8-bit registers: DPH (high
byte), and DPL (low byte). These provide memory addresses for
internal code and data access. The DPTR can be manipulated as
a 16-bit register (DPTR = DPH, DPL), or as two independent
8-bit registers (DPH, DPL)—see Table 59 and Table 60.
The 8052 MCU core architecture supports dual data pointers
(see the 8052 MCU Core Architecture section).
Stack Pointer (SP)
The stack pointer keeps track of the current address of the top
of the stack. To push a byte of data onto the stack, the stack
pointer is incremented and the data is moved to the new top of
the stack. To pop a byte of data off the stack, the top byte of data
is moved into the awaiting address and the stack pointer is
decremented. The stack is a last in first out (LIFO) method of
data storage because the most recent addition to the stack is the
first to come off it.
The stack is utilized during CALL and RET instructions to keep
track of the address to move into the PC when returning from
the function call. The stack is also manipulated when vectoring
for interrupts, to keep track of the prior state of the PC.
The stack resides in the upper part of the extended internal
RAM. The SP[7:0] and SPH[2:0] registers hold the address of
the stack in the extended RAM. The advantage of this solution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com