Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169ASTZF62 Datasheet(PDF) 77 Page - Analog Devices

Part # ADE5169ASTZF62
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169ASTZF62 Datasheet(HTML) 77 Page - Analog Devices

Back Button ADE5169ASTZF62 Datasheet HTML 73Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 74Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 75Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 76Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 77Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 78Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 79Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 80Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 148 page
background image
Preliminary Technical Data
ADE5166/ADE5169/ADE5566/ADE5569
Rev. PrB | Page 77 of 148
the stack boundary protection is enabled and fixed to issue an
interrupt should an event occur. STCON[1] and STCON[2] can
therefore not be altered when the protection bit is set. Once the
protection bit is set, the default stack starting address, SPH[5:3],
can only be written once before becoming fixed. It is therefore
recommended that this feature be configured for the application
before the stack boundary protection bit is written in the flash.
0xFF
0x7FF
256 BYTES
OF RAM
(DATA)
0x00
{SPH[5:3], 0x00}
0x7FF-STCON[7:3]
2kB OF
ON-CHIP x-RAM
STACK STARTING
ADDRESS
WATERLINE
0x00
Figure 60. Extended Stack Pointer Operation
STANDARD 8052 SFRS
The standard 8052 special function registers include the accumula-
tor, B, PSW, DPTR, and SP SFRs described in the Basic 8052
Registers section. The 8052 also defines standard timers, serial
port interfaces, interrupts, I/O ports and power down modes.
Timer SFRs
The 8052 contains three 16-bit timers, the identical Timer0 and
Timer1, as well as a Timer2. These timers can also function as
event counters. Timer2 has a capture feature where the value
of the timer can be captured in two 8-bit registers upon the
assertion of an external input signal (see the Timers section).
Serial Port SFRs
The two full-duplex serial port peripherals each require two
registers, one for setting up the baud rate and other communica-
tion parameters, and another byte for the transmit/receive
buffer. TheADE5166/ADE5169/ADE5566/ADE5569 also
provide enhanced serial port functionality with a dedicated
timer for baud rate generation with a fractional divisor and
additional error detection. See the UART Serial Interface
section and the UART2 Serial Interface section for details.
Interrupt SFR
There is a two-tiered interrupt system standard in the 8052
core. The priority level for each interrupt source is individually
selectable as high or low. The TheADE5166/ADE5169/ADE5566/
ADE5569 enhance this interrupt system by creating in essence a
third interrupt tier for a highest priority power supply manage-
ment interrupt, PSM (see the Interrupt System section).
I/O Port SFRs
The 8052 core supports four I/O ports, P0 through P3, where
Port 0 and Port 2 are typically used for access to external code
and data spaces. The ADE5166/ADE5169/ADE5566/ADE5569,
unlike standard 8052 products, provide internal nonvolatile
Flash memory so that an external code space is unnecessary.
The on-chip LCD driver requires many pins, some of which are
dedicated for LCD functionality and others that can be configured
at LCD or general-purpose I/O. Due to the limited number of
I/O pins, the ADE5166/ADE5169/ADE5566/ADE5569 do not
allow access to external code and data spaces.
The ADE5166/ADE5169/ADE5566/ADE5569 provide 20 pins
that can be used for general purpose I/O. These pins are mapped
to Port 0, Port 1, and Port 2, and are accessed through three
bit-addressable 8052 SFRs: P0, P1, and P2. Another enhanced
feature of the ADE5166/ADE5169/ADE5566/ADE5569 is that
the weak pull-ups standard on 8052 Port 1, Port 2, and Port 3
can be disabled to make open-drain outputs, as is standard on
Port 0. The weak pull-ups can be enabled on a pin-by-pin basis
(see the I/O Ports section).
Power Control Register (PCON, 0x87)
The 8052 core defines two power-down modes; power-down
and idle. The ADE5166/ADE5169/ADE5566/ADE5569
enhance the power control capability of the traditional 8052
MCU with additional power management functions. The
POWCON register is used to define power control specific
functionality for the ADE5166/ADE5169/ADE5566/ADE5569.
The program control SFR (PCON, 0x87) is not bit addressable
(see Power Management section).
The ADE5166/ADE5169/ADE5566/ADE5569 provide many
other peripherals not standard to the 8052 core.
•
ADE energy measurement DSP
•
Full RTC
•
LCD driver
•
Battery switchover/power management
•
Temperature ADC
•
Battery ADC
•
SPI/I2C communication
•
Flash memory controller
•
Watchdog timer
•
Secondary UART port
MEMORY OVERVIEW
The ADE5166/ADE5169/ADE5566/ADE5569 contain three
memory blocks.
•
62 kB of on-chip Flash/EE program and data memory
•
256 bytes of general-purpose RAM
•
2 kB of internal extended RAM (XRAM)
The 256 bytes of general-purpose RAM shares the upper 128 bytes
of its address space with special function registers. All of the
memory spaces are shown in Figure 59. The addressing mode
specifies which memory space to access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com