Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE5169ASTZF62 Datasheet(PDF) 119 Page - Analog Devices

Part # ADE5169ASTZF62
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE5169ASTZF62 Datasheet(HTML) 119 Page - Analog Devices

Back Button ADE5169ASTZF62 Datasheet HTML 115Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 116Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 117Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 118Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 119Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 120Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 121Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 122Page - Analog Devices ADE5169ASTZF62 Datasheet HTML 123Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 148 page
background image
Preliminary Technical Data
ADE5166/ADE5169/ADE5566/ADE5569
Rev. PrB | Page 119 of 148
RTC CRYSTAL COMPENSATION
The RTC provides registers to compensate for the tolerance of
the crystal frequency and its variation over temperature. Up to
±248 ppm frequency error can be calibrated out by the RTC
circuitry. The compensation is fully digital and implemented
by adding or subtracting pulses from the crystal clock signal.
The resolution of the RTC compensation register is ±2 ppm/LSB,
or 0.17 s/day/LSB. The RTC compensation circuitry adds the
RTC temperature compensation SFR (TEMPCAL, 0xF7) and
the RTC nominal compensation SFR (RTCCOMP, 0xF6) to
determine how much compensation is required and the sum of
these two registers is limited to ±248ppm, or 42.85 s/day.
RTC Calibration
The nominal crystal frequency can be calibrated by adjusting
the RTCCOMP register so that the clock going into the RTC is
precisely 32.768 kHz at 25°C.
Calibration Flow
An RTC calibration pulse output is on up to four pins configured
by the four LSBs in the RTC calibration configuration register
(RTC_CAL, 0x0F). Enable the RTC output by setting the
CAL_EN bit in the RTC calibration configuration register
(RTC_CAL, 0x0F).
The RTC calibration is accurate to within ±2 ppm over a 30.5 sec
window in all operational modes: PSM0, PSM1, and PSM2. Two
output frequencies are offered for the normal RTC mode: 1 Hz
with FSEL[1:0] = 00 and 512Hz with FSEL[1:0] = 01 in the RTC
calibration configuration register (RTC_CAL, 0x0F).
A shorter window of 0.244 sec is offered for fast calibration
during PSM0 or PSM1. Two output frequencies are offered for
this RTC calibration output mode: 500 Hz with FSEL[1:0] = 10
and 16.384 kHz with FSEL[1:0] = 11 in the RTC calibration
configuration register (RTC_CAL, 0x0F). Note that for the
0.244 sec calibration window, the RTC is clocked 125 times
faster than in the normal mode, resulting in timekeeping
registers that represent seconds/125, minutes/125, and
hours/125 instead of seconds, minutes, and hours. Therefore,
this mode should be used for calibration only.
Table 132. RTC Calibration Options
Option
FSEL[1:0]
Calibration
Window (sec)
fRTCCAL
(Hz)
Normal Mode 0
00
30.5
1
Normal Mode 1
01
30.5
512
Calibration
Mode 0
10
0.244
500
Calibration
Mode 1
11
0.244
16384
When no RTC compensation is applied, with RTCCOMP and
TEMPCAL equal to zero, the nominal compensation required
to account for the error in the external crystal can be deter-
mined. In this case, it is not necessary to wait for an entire
calibration window to determine the error in the pulse output.
Calculating at the error in frequency between two consecutive
pulses on the RTC calibration pin is sufficient.
The value to write to the RTCCOMP register is calculated from
the % error or seconds per day error on the frequency output.
Each LSB of the RTCCOMP SFR represents 2 ppm of correction
where1 s/day error is equal to 11.57 ppm.
)
(%
5000
Error
RTCCOMP
×
=
)
/
(
57
.
11
2
1
Error
day
s
RTCCOMP
×
×
=
During calibration, user software writes the RTC with the
current time. Refer to the Access to Internal RTC Registers
section for more information on how to read and write the RTC
timekeeping registers.
RTC TEMPERATURE COMPENSATION
The RTC temperature compensation SFR (TEMPCAL, 0xF7) is
used to compensate for the external crystal drift over temperature
by adding or subtracting additional pulses based on tempera-
ture. By design, crystal frequency’s changes with temperature
according to Equation 35.
( )
( ) =
−
0
T
frequency
XTAL
T
frequency
XTAL
(
)2
0
T
T
k
−
×
(35)
where k and T0 are given by the crystal manufacturer.
The ADE5166/ADE5169/ADE5566/ADE5569 provide the
unique feature of using its internal temperature measurement to
process the TEMPCAL register value based on the theoretical
inverted parabolic curve described in Equation 35. The coefficient
k and T0 are user programmable.
The crystal manufacturer coefficients need to be translated
to fit the format of crystal offset (XTALOS) and crystal gain
(XTALGain), which is a combination of the XTALG1 and
XTALG2 registers of the ADE5166/ADE5169/ADE5566/
ADE5569. The actual implementation of Equation 35 in the
ADE5166/ADE5169/ADE5566/ADE5569 is as follows:
[]
×
=
15
2
0
:
7
XTALGain
TEMPCAL
[]
[]
(
)2
0
:
7
0
:
7
XTALOS
TEMPADC
−
where XTALGain = XTALG2[6:0] × 28 + XTALG1[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com