Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP120 Datasheet(PDF) 13 Page - Analog Devices

Part # ADP120
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP120 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADP120 Datasheet HTML 9Page - Analog Devices ADP120 Datasheet HTML 10Page - Analog Devices ADP120 Datasheet HTML 11Page - Analog Devices ADP120 Datasheet HTML 12Page - Analog Devices ADP120 Datasheet HTML 13Page - Analog Devices ADP120 Datasheet HTML 14Page - Analog Devices ADP120 Datasheet HTML 15Page - Analog Devices ADP120 Datasheet HTML 16Page - Analog Devices ADP120 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
ADP120
Rev. A | Page 13 of 20
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over temper-
ature and tolerance at the chosen output voltage.
To guarantee the performance of the ADP120, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
UNDERVOLTAGE LOCKOUT
The ADP120 has an internal undervoltage lockout circuit that
disables all inputs and the output when the input voltage is less
than approximately 2.2 V. This ensures that the inputs and the
output of the ADP120 behave in a predictable manner during
power-up.
ENABLE FEATURE
The ADP120 uses the EN pin to enable and disable the VOUT
pin under normal operating conditions. As shown in Figure 31,
when a rising voltage on EN crosses the active threshold, VOUT
turns on. When a falling voltage on EN crosses the inactive
threshold, VOUT turns off.
(40ms/DIV)
VIN = 5V
VOUT = 1.8V
CIN = COUT = 1µF
ILOAD = 100mA
EN
VOUT
Figure 31. Typical EN Pin Operation
As shown in Figure 31, the EN pin has hysteresis built-in. This
prevents on/off oscillations that can occur due to noise on the
EN pin as it passes through the threshold points.
The EN pin active/inactive thresholds are derived from the VIN
voltage; therefore, these thresholds vary with changing input
voltage. Figure 32 shows typical EN active/inactive thresholds
when the input voltage varies from 2.3 V to 5.5 V.
1.10
1.05
1.00
0.95
0.90
0.85
0.80
0.75
0.70
2.25 2.50 2.75 3.00 3.25 3.50 3.75 4.00 4.25 4.50 4.75 5.00 5.25 5.50
VIN (V)
EN ACTIVE
EN INACTIVE
Figure 32. Typical EN Pin Thresholds vs. Input Voltage
The ADP120 utilizes an internal soft start to limit the inrush
current when the output is enabled. The start-up time for the
1.8 V option is approximately 120 μs from the time the EN
active threshold is crossed to when the output reaches 90% of its
final value. The start-up time is somewhat dependent on the
output voltage setting and increases slightly as the output
voltage increases.
6
0
1
2
3
4
5
02
180
160
140
120
100
80
60
40
20
TIME (µs)
EN
3.3V
1.8V
1.2V
00
Figure 33. Typical Start-Up Time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com