Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP130AUJZ-1.2-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP130AUJZ-1.2-R7
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130AUJZ-1.2-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP130AUJZ-1.2-R7 Datasheet HTML 8Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 9Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 10Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 11Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADP130
Rev. 0 | Page 12 of 20
THEORY OF OPERATION
The ADP130 is a low dropout, linear regulator that uses an
advanced proprietary architecture to achieve low quiescent
current and high efficiency regulation. It also provides high
power supply rejection ratio (PSRR) and excellent line and load
transient response using a small 1 μF ceramic output capacitor. The
device operates from a 2.3 V to 5.5 V bias rail and a 1.2 V to 3.6 V
input rail to provide up to 350 mA of output current. Supply
current in shutdown mode is typically less than 1 μA.
Internally, the ADP130 consists of a reference, an error ampli-
fier, a feedback voltage divider, and a pass device. The output
current is delivered via the pass device, which is controlled by
the error amplifier, forming a negative feedback system that
ideally drives the feedback voltage to equal the reference voltage.
If the feedback voltage is lower than the reference voltage, the
negative feedback drives more current, increasing the output
voltage. If the feedback voltage is higher than the reference voltage,
the negative feedback drives less current, decreasing the output
voltage. The VBIAS pin is the positive supply for all circuitry
except the pass device.
The ADP130 has an internal soft start that limits the output
voltage ramp period to approximately 200 μs. All internal devices
are controlled by the enable pin, EN. When EN is high, the
output is on; when EN is low, the output is off.
SHUTDOWN
VIN
GND
EN
VOUT
VBIAS
R1
R2
SHORT-CIRCUIT,
UVLO, AND
THERMAL
PROTECT
0.5V
REF
Figure 33. Internal Block Diagram
The ADP130 is available in 31 output voltage options, ranging from
0.8 V to 3.0 V. The ADP130 uses the EN pin to enable and disable
the VOUT pin under normal operating conditions. When EN is
high, VOUT turns on. When EN is low, VOUT turns off. For auto-
matic startup, EN can be tied to VBIAS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com