Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP130AUJZ-1.2-R7 Datasheet(PDF) 17 Page - Analog Devices

Part # ADP130AUJZ-1.2-R7
Description  350 mA, Low VIN, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP130AUJZ-1.2-R7 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADP130AUJZ-1.2-R7 Datasheet HTML 12Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 13Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 14Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 15Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 16Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 17Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 18Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 19Page - Analog Devices ADP130AUJZ-1.2-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
ADP130
Rev. 0 | Page 17 of 20
In cases where board temperature is known, use the thermal char-
acterization parameter, ΨJB, to estimate the junction temperature
rise. Maximum junction temperature (TJ) is calculated from the
board temperature (TB) and power dissipation (PD), using the
following formula:
TJ = TB + (PD × ΨJB)
(5)
The typical value of ΨJB is 42.8°C/W for the 5-lead TSOT package.
140
0
VIN – VOUT (V)
120
100
80
60
40
20
1mA
10mA
50mA
100mA
150mA
250mA
350mA
(LOAD CURRENT)
MAX TJ (DO NOT OPERATE ABOVE THIS POINT)
0.4
0.8
1.2
1.6
2.0
2.4
2.8
Figure 46. TSOT, TA = 85°C
PRINTED CIRCUIT BOARD LAYOUT
CONSIDERATIONS
Heat dissipation from the package can be improved by increasing
the amount of copper attached to the pins of the ADP130.
However, as shown in Table 6, a point of diminishing returns is
eventually reached, beyond which an increase in the copper size
does not yield significant heat dissipation benefits.
The input capacitor should be placed as close as possible to the
VIN and GND pins. The output capacitor should be placed as
close as possible to the VOUT and GND pins. Using 0402 or 0603
size capacitors and resistors achieves the smallest possible foot-
print solution on boards where the area is limited.
VBIAS
J1
ANALOG DEVICES
ADP130-xx-EVALZ
VIN
VOUT
GND
EN
GND
C1
C2
GND
GND
U1
C3
Figure 47. Example TSOT PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com