Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

057331U200JS2 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 057331U200JS2
Description  Type 057 105 째C Military Grade, Axial Leaded, Aluminum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

057331U200JS2 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  057331U200JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 057331U200JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 057331U200JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 057331U200JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Part Numbering System
057
120
U
250
FE
2
E
Type
Capacitance
Tolerance
Voltage
Case Code
Insulation
Epoxy Endseal
057
6R8 = 6.8 F
U =
10% + 75%
6R3 = 6.3 Vdc
See
0 = Bare Can
E = epoxy
120 = 12 F
T =
10% + 50%
050 = 50 Vdc
ratings
1 = Polyester
Blank = no epoxy
681 = 680 F
250 = 250 Vdc
2 = PVC
682 = 6800 F
Case
Inches
mm
Case
Inches
mm
Code
D
.016 L max
D
.41 L max
Code
D
.016
L max
D
.41
L max
FE
.635
1.250
16.13
31.75
HE
.885
1.250
22.48
31.75
FJ
.635
1.750
16.13
44.45
HJ
.885
1.750
22.48
44.45
FL
.635
2.250
16.13
57.15
HL
.885
2.250
22.48
57.15
FP
.635
2.750
16.13
69.85
HP
.885
2.750
22.48
69.85
FS
.635
3.250
16.13
82.55v
HS
.885
3.250
22.48
82.55
FT
.635
3.750
16.13
95.35
HT
.885
3.750
22.48
95.25
GE
.760
1.250
19.30
31.75
JE
1.010
1.250
25.65
31.75
GJ
.760
1.750
19.30
44.45
JJ
1.010
1.750
25.65
44.45
GL
.760
2.250
19.30
57.15
JL
1.010
2.250
25.65
GP
.760
2.750
19.30
69.85
JP
1.010
2.750
25.65
57.15
GS
.760
3.250
19.30
82.55
JS
1.010
3.250
25.65
69.85
GT
.760
3.750
19.30
92.25
JT
1.010
3.75
25.65
82.55
Insulated dimensions
Insulated dimensions
Case Dimensions
Typical Performance Curves
Temperature Characteristics - 3000
F @ 40 Vdc
Temperature Characteristics - 3000
F @ 40 Vdc
Impedance vs. Frequency - 7000
F @ 20 Vdc
Impedance vs. Frequency - 3000
F @ 40 Vdc
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com
Type 057 105 °C Military Grade, Axial Leaded, Aluminum
95.25



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com