Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

057331U200JS2 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 057331U200JS2
Description  Type 057 105 째C Military Grade, Axial Leaded, Aluminum
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

057331U200JS2 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  057331U200JS2 Datasheet HTML 1Page - Cornell Dubilier Electronics 057331U200JS2 Datasheet HTML 2Page - Cornell Dubilier Electronics 057331U200JS2 Datasheet HTML 3Page - Cornell Dubilier Electronics 057331U200JS2 Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Type 057 105 °C Military Grade, Axial Leaded, Aluminum
Ratings
Cap.
(µF )
Catalog Part
Number
ESR Max.Ω
120 Hz 20 kHz
Ripple A
@
85 °C
120Hz 20kHz
Nominal
Size (in)
D
x L
6.3 Vdc (8 Vdc Surge)
1500 057152U6R3FE2 0.400 0.153
1.0
1.4
2200 057222U6R3GE2 0.260 0.107
1.2
1.7
2700 057272U6R3FJ2 0.200 0.080
1.6
2.3
3300 057332U6R3HE2 0.180 0.073
1.5
2.1
4700 057472U6R3FL2 0.130 0.052
2.3
3.2
5/8 x 1 1/8
3/4 x 1 1/8
5/8 x 1 5/8
7/8 x 1 1/8
5/8 x 2 1/8
4700 057472U6R3GJ2 0.130 0.053
2.0
2.7
5600 057562U6R3FP2 0.098 0.039
3.0
4.1
6800 057682U6R3GL2 0.088 0.035
2.9
3.9
6800 057682U6R3HJ2 0.093 0.039
2.6
3.4
10000 057103U6R3GP2 0.067 0.028
3.7
4.9
3/4 x 1 5/8
5/8 x 2 5/8
3/4 x 2 1/8
7/8 x 1 5/8
3/4 x 2 5/8
10000 057103U6R3JJ2 0.073 0.033
3.1
3.9
12000 057123U6R3GS2 0.055 0.023
4.4
5.7
12000 057123U6R3HL2 0.062 0.027
3.6
4.7
15000 057153U6R3HP2 0.048 0.021
4.6
5.8
15000 057153U6R3JL2 0.049 0.022
4.3
5.3
1 x 1 5/8
3/4 x 3 1/8
7/8 x 2 1/8
7/8 x 2 5/8
1 x 2 1/8
18000 057183U6R3HS2 0.040 0.018
5.5
6.7
22000 057223U6R3JP2 0.038 0.018
5.4
6.5
27000 057273U6R3JS2 0.033 0.015
6.3
7.4
33000 057333U6R3JT2 0.029 0.015
7.1
8.2
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
7.5 Vdc (9 Vdc Surge)
1200 057122U7R5FE2 0.410 0.153
0.9
1.4
1800 057152U7R5GE2 0.270 0.107
1.2
1.7
2700 057272U7R5FJ2 0.210 0.080
1.6
2.3
3300 057332U7R5HE2 0.190 0.073
1.5
2.1
3900
057392U725FL2 0.130 0.052
2.3
3.2
5/8 x 1 1/8
3/4 x 1 1/8
5/8 x 1 5/8
7/8 x 1 1/8
5/8 x 2 1/8
3900 057392U7RSGJ2 0.140 0.053
2.0
2.7
5600 057562U7R5FP2 0.100 0.039
2.9
4.1
5600 057562U7R5HJ2 0.095 0.039
2.5
3.4
5600 057562U7R8GL2 0.089 0.035
2.8
3.9
8200 057822U7R5GP2 0.068 0.028
3.6
4.9
3/4 x 1 5/8
5/8 x 2 5/8
7/8 x 1 5/8
3/4 x 2 1/8
3/4 x 2 5/8
8200 057822U7RSJJ2 0.075 0.033
3.0
3.9
10000 057103U7R5GS2 0.056 0.023
4.3
5.7
10000 057103U7R5HL2 0.063 0.027
3.6
4.7
12000 057123U7R5HP2 0.048 0.021
4.6
5.8
12000 057123U7R5JL2 0.050 0.022
4.3
5.3
1 x 1 5/8
3/4 x 3 1/8
7/8 x 2 1/8
7/8 x 2 5/8
1 x 2 1/8
18000 057183U7R5HS2 0.041 0.018
5.4
6.7
18000 057183U7R5JP2 0.039 0.018
5.4
6.5
22000 057223U7R5JS2 0.033 0.015
6.2
7.4
27000 057273U7R5JT2 0.030 0.015
7.0
8.2
7/8 x 3 1/8
1 x 2 5/8
1 x 3 1/8
1 x 3 5/8
10 Vdc (12 Vdc Surge)
1000 057102U010FE2 0.410 0.153
0.9
1.4
1500 057152U010GE2 0.270 0.107
1.2
1.7
2200
057222U010FJ2 0.210 0.080
1.6
2.3
2700 057272U010HE2 0.190 0.073
1.5
2.1
3300
057332U010FL2 0.130 0.052
2.3
3.2
5/8 x 1 1/8
3/4 x 1 1/8
5/8 x 1 5/8
7/8 x 1 1/8
5/8 x 2 1/8
3300 057332U010GJ2 0.140 0.053
2.0
2.7
4700 057472U010FP2 0.100 0.039
2.9
4.1
4700 057472U010GL2 0.089 0.035
2.8
3.9
4700
057472U010HJ2 0.095 0.039
2.5
3.4
6800 057682U010GP2 0.068 0.028
3.6
4.9
3/4 x 1 5/8
5/8 x 2 5/8
3/4 x 2 1/8
7/8 x 1 5/8
3/4 x 2 5/8
6800
057682U010JJ2 0.075 0.033
3.0
3.9
8200 057822U010GS2 0.056 0.023
4.3
5.7
8200 057822U010HL2 0.063 0.027
3.6
4.7
10000 057103U010HP2 0.048 0.021
4.6
5.8
12000 057123U010JL2 0.050 0.022
4.3
5.3
1 x 1 5/8
3/4 x 3 1/8
7/8 x 2 1/8
7/8 x 2 5/8
1 x 2 1/8
Cap.
(µF )
Catalog Part
Number
ESR Max.Ω
120 Hz 20 kHz
Ripple A
@
85 °C
120Hz 20kHz
Nominal
Size (in)
D
x L
10 Vdc (12 Vdc Surge) (cont’d)
15000 057153U010HS2 0.041 0.018
5.4
6.7 7/8 x 3 1/8
15000 057153U010JP2 0.039 0.018
5.4
6.5
1 x 2 5/8
18000 057183U010JS2 0.033 0.015
6.2
7.4
1 x 3 1/8
22000 057223U010JT2 0.030 0.015
7 0
8.2
1 x 3 5/8
16 Vdc (20 Vdc Surge)
820
057821U016FE2 0.410 0.153
0.9
1.4 5/8 x 1 1/8
1200 057122U016GE2 0.270 0.107
1.2
1.6 3/4 x 1 1/8
1800
057182U016FJ2 0.210 0.080
1.6
2.3 5/8 x 1 5/8
2200 057222U016HE2 0.190 0.073
1.5
2.1 7/8 x 1 1/8
2700
057272U016FL2 0.130 0.052
2.3
3.2 5/8 x 2 1/8
2700 057272U016GJ2 0.140 0.054
2.0
2.7 3/4 x 1 5/8
3900 057392U016FP2 0.100 0.040
2.9
4.1 5/8 x 2 5/8
3900 057392U016GL2 0.089 0.036
2.8
3.9 3/4 x 2 1/8
3900
057392U016HJ2 0.095 0.039
2.5
3.4 7/8 x 1 5/8
5600 057562U016GP2 0.068 0.028
3.6
4.8 3/4 x 2 5/8
5600
057562U016JJ2 0.075 0.033
3.0
3.9
1 x 1 5/8
6800 057682U016GS2 0.056 0.023
4.3
5.7 3/4 x 3 1/8
6800 057682U016HL2 0.063 0.027
3.6
4.7 7/8 x 2 1/8
8200 057822U016HP2 0.048 0.021
4.6
5.8 7/8 x 2 5/8
8200
057822U016JL2 0.050 0.022
4.3
5.3
1 x 2 1/8
12000 057123U016HS2 0.041 0.018
5.4
6.7 7/8 x 3 1/8
12000 057123U016JP2 0.039 0.018
5.4
6.5
1 x 2 5/8
15000 057153U016JS2 0.033 0.016
6.2
7.4
1 x 3 1/8
18000 057183U016JT2 0.030 0.015
7.0
8.2
1 x 3 5/8
25 Vdc (35 Vdc Surge)
390
057391U025FE2 0.160 0.440
0.9
1.3 5/8 x 1 1/8
680
057681U025GE2 0.290 0.107
1.1
1.6 3/4 x 1 1/8
820
057821U025FJ2 0.220 0.080
1.5
2.2 5/8 x 1 5/8
1000 057102U025HE2 0.200 0.080
1.5
2.0 7/8 x 1 1/8
1200
057122U025FL2 0.140 0.053
2.2
3.2 5/8 x 2 1/8
1200 057122U025GJ2 0.150 0.055
1.9
2.7 3/4 x 1 5/8
1800 057182U025FP2 0.110 0.041
2.8
4.0 5/8 x 2 5/8
1800 057182U025GL2 0.095 0.037
2.7
3.8 3/4 x 2 1/8
1800
057182U025HJ2 0.100 0.040
2.4
3.3 7/8 x 1 5/8
2700 057272U025GP2 0.072 0.028
3.5
4.8 3/4 x 2 5/8
2700
057272U025JJ2 0.079 0.033
2.9
3.8
1 x 1 5/8
3300 057332U025GS2 0.059 0.024
4.2
5.6 3/4 x 3 1/8
3300 057332U025HL2 0.067 0.027
3.5
4.7 7/8 x 2 1/8
3900 057392U025HP2 0.051 0.021
4.4
5.8 7/8 x 2 5/8
3900
057392U025JL2 0.053 0.023
4.1
5.3
1 x 2 1/8
5600
057562U025JP2 0.041 0.018
5.2
6.5
1 x 2 5/8
5600 057562U025HS2 0.043 0.019
5.2
6.7 7/8 x 3 1/8
6800
057682U025JS2 0.035 0.016
6.1
7.4
1 x 3 1/8
8200
057822U025JT2 0.031 0.015
6.9
8.2
1 x 3 5/8
40 Vdc (55 Vdc Surge)
220
057221U040FE2 0.520 0.167
0.8
1.3 5/8 x 1 1/8
390
057391U040GE2 0.340 0.113
1.0
1.6 3/4 x 1 1/8
470
057471U040FJ2 0.260 0.087
1.4
2.2 5/8 x 1 5/8
560
057561U040HE2 0.230 0.080
1.3
2.0 7/8 x 1 1/8
820
057821U040FL2 0.170 0.055
2.0
3.1 5/8 x 2 1/8
820
057821U040GJ2 0.170 0.057
1.7
2.6 3/4 x 1 5/8
1000 057102U040FP2 0.130 0.042
2.6
3.9 5/8 x 2 5/8
1200
057122U040HJ2 0.120 0.041
2.2
3.3 7/8 x 1 5/8
1200 057122UO40GL2 0.110 0.038
2.5
3.7 3/4 x 2 1/8
CDM Cornell Dubilier • 140 Technology Place • Liberty, SC 29657 • Phone: (864)843-2277 • Fax: (864)843-3800 • www.cde.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com