Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2127 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP2127
Description  300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP2127 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP2127 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP2127 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Description
The AZ70XX series ICs are under voltage detectors with
a built in voltage threshold and low power consumption.
The AZ70XX are specifically designed to accurately
monitor power supplies.
The AZ70XX use a precision on-chip voltage reference
and a comparator to measure the input operating voltage.
These ICs can accurately reset the system after detecting
voltage at the time of switching power on and instanta-
neous power off in various CPU systems and other logic
systems. The detect voltage thresholds are 2.3V/2.5V/
2.7V/2.9V/3.1V/3.3V/4.2V/4.5V for AZ7023/25/27/29/
31/33/42/45 respectively. Built in hysteresis helps to pre-
vent erratic operation in the presence of noise.
Features
·
Low Current Consumption:
ICCL=300µA Typical
ICCH=30µA Typical
·
Low Minimum Operating Voltage for Output Reset-
ting: 0.8V Typical
·
Built in Hysteresis Voltage: 50mV Typical
·
Open Collector Output
·
Extended Temperature Range: -40 to 85oC
Applications
·
Low Battery Voltage Detector
·
Power Fail Indicator
·
Processor Reset Generator
·
Battery Backup Control
·
Home Electric Appliances
Benefits
·
Easier to Use
·
Very Competitive Price
Parametric Table
Supply Voltage (Max) (V)
20
Supply Current (Max)(
µA)
500
Detect Voltage (Typ)
2.3, 2.5, 2.7,
2.9, 3.1, 3.3,
4.2, 4.5
Detect Voltage Temperature
Coefficient (%/oC)
±0.01
"H" Transmission Delay Time (
µs)
15
Operating Temperature (Min) (oC)
-40
Operating Temperature (Max) (oC)
85
Additional Available Materials
·
Samples
·
Data Sheet
·
Reliability Report
·
ESD Report
Pin Configuration
Jun. 2007
BCD Semiconductor Manufacturing Limited
Product Brief
VOLTAGE DETECTOR
AZ70XX
TO-92
SOT-89-3
VCC
GND OUT
1
2
3
OUT
GND
VCC
1
2
3
OUT
GND
VCC
1
2
3
TO-92 Ammo Packing
Ordering Information Example
Detailed information please refer to the relevant datasheet.
Pin Configuration
Aug. 2008
BCD Semiconductor Manufacturing Limited
Sales Office:
Shanghai
No. 1600, Zi Xing Road, Shanghai ZiZhu Science-based Industrial
Park, 200241, China
Tel : 86-21-24162266
Fax : 86-21-24162277
Taiwan
4F, 298-1 Rui Guang Road, Nei-Hu District, Taipei,
Taiwan
Tel : 886-2-2656-2808
Fax : 886-2-2656-2806
USA
30920 Huntwood Ave. Hayward, CA 94544,
USA
Tel : +1-510-324-2988
Fax : +1-510-324-2788
Shenzhen
Room E, 5F, Noble Center, No.1006, 3rd Fuzhong Road, Futian
District, Shenzhen 518026, China
Tel : 86-755-8826 7951
Fax : 86-755-8826 7865
Product Brief
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127
Package
Temperature Range
Part Number
Marking ID
Packing Type
SOT-23-5
-40 to 85oC
AP2127K-1.0TRG1
GEG
Tape & Reel
AP2127K-1.2TRG1
GEI
4
K Package
(SOT-23-5)
2
3
1
5
VIN
GND
VOUT
NC
Shutdown



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com