Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2127 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2127 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2127
Download  AP2127 Download
File Size   319.82 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR

AP2127 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2127 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2127
Download  AP2127 Click to download

File Size   319.82 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR

AP2127 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2127 Product details

General Description

The AP2127 Series are positive voltage regulator ICs fabricated by CMOS process.

The AP2127 Series have features of low dropout voltage, low noise, high output voltage accuracy, and low current consumption which make them ideal for use in various battery-powered devices.

AP2127 has 1.0V, 1.2V, 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.2V, 4.75V, 5.2V fixed voltage versions and 0.8V to 5.5V adjustable voltage versions.

AP2127 series are available in SOT-23-5 Package.



Features

· Wide Operating Voltage: 2.5V to 6V

· High Output Voltage Accuracy: ±2%

· High Ripple Rejection:

   68dB@ f=1kHz, 54dB@ f=10kHz

· Low Standby Current: 0.1µA

· Low Dropout Voltage: 170mV@300mA for

   VOUT=3.3V, 140mV@300mA for VOUT=5.2V

· Low Quiescent Current: 60µA Typical

· Low Output Noise: 60µVrms@VOUT=0.8V

· Short Current Limit: 50mA

· Over Temperature Protection

· Compatible with Low ESR Ceramic Capacitor:

   1µF for CIN and COUT

· Excellent Line/Load Regulation

· Soft Start Time: 50µs

· Auto Discharge Resistance: RDS(ON)=60Ω



Applications

· Datacom

· Notebook Computers

· Mother Board



 




Similar Part No. - AP2127

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2127 BCDSEMI-AP2127 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
logo
BCD Semiconductor Manuf...
AP2127K-1.0TRG1 BCDSEMI-AP2127K-1.0TRG1 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2127K-1.0TRG1 DIODES-AP2127K-1.0TRG1 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
logo
BCD Semiconductor Manuf...
AP2127K-1.2TRG1 BCDSEMI-AP2127K-1.2TRG1 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
More results


Similar Description - AP2127

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127 BCDSEMI-AP2127_09 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
ACE Technology Co., LTD...
ACE515A ACE-ACE515A Datasheet
391Kb / 22P
300mA High Speed, Extremely Low Noise CMOS LDO Regulator
VER 1.2
logo
Microsemi Corporation
LX8213 MICROSEMI-LX8213 Datasheet
320Kb / 11P
300mA Low Noise CMOS LDO Regulator
logo
BCD Semiconductor Manuf...
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Global Mixed-mode Techn...
AT1203 GMT-AT1203 Datasheet
199Kb / 2P
Low Noise, 300mA CMOS LDO Regulator
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
logo
TECH PUBLIC Electronics...
TPBL9198-18BAPRN TECHPUBLIC-TPBL9198-18BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPBL9198-33BAPRN TECHPUBLIC-TPBL9198-33BAPRN Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
TPRT9193-29GB TECHPUBLIC-TPRT9193-29GB Datasheet
1Mb / 5P
300mA,Ultra-Low Noise, CMOS LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com