Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2127 Datasheet (PDF) - Diodes Incorporated

AP2127 Datasheet PDF - Diodes Incorporated
Part # AP2127
Download  AP2127 Download
File Size   914.68 Kbytes
Page   24 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR

AP2127 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2127 Datasheet PDF - Diodes Incorporated

Part # AP2127
Download  AP2127 Click to download

File Size   914.68 Kbytes
Page   24 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR

AP2127 Datasheet (HTML) - Diodes Incorporated


AP2127 Product details

Features
- Wide Operating Voltage: 2.5V to 6V
- High Output Voltage Accuracy: ±2%
- High Ripple Rejection:
68dB @ f = 1kHz, 54dB @ f = 10kHz
- Low Standby Current: 0.1μA
- Low Dropout Voltage: 170mV @ 300mA for VOUT = 3.3V,
140mV @ 300mA for VOUT = 4.75V
- Low Quiescent Current: 60μA Typical
- Low Output Noise: 60μVRMS @VOUT = 0.8V
- Short Current Limit: 50mA
- Over Temperature Protection
- Compatible with Low ESR Ceramic Capacitor:
1μF for CIN and COUT
- Excellent Line/Load Regulation
- Soft Start Time: 50μs
- Auto Discharge Resistance: RDS(ON) = 60Ω
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)

Applications
- Datacom
- Notebook Computers
- Mother Board




Similar Part No. - AP2127

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2127 BCDSEMI-AP2127 Datasheet
319Kb / 2P
300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127 BCDSEMI-AP2127 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127K-1.0TRG1 BCDSEMI-AP2127K-1.0TRG1 Datasheet
319Kb / 2P
300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127K-1.0TRG1 BCDSEMI-AP2127K-1.0TRG1 Datasheet
854Kb / 18P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2127K-1.2TRG1 BCDSEMI-AP2127K-1.2TRG1 Datasheet
319Kb / 2P
300mA HIGH SPEEDEXTREMELY LOW NOISE CMOS LDO REGULATOR
More results


Similar Description - AP2127

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com