Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2125 Datasheet (PDF) - Diodes Incorporated

AP2125 Datasheet PDF - Diodes Incorporated
Part # AP2125
Download  AP2125 Download
File Size   676.08 Kbytes
Page   25 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR

AP2125 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2125 Datasheet PDF - Diodes Incorporated

Part # AP2125
Download  AP2125 Click to download

File Size   676.08 Kbytes
Page   25 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR

AP2125 Datasheet (HTML) - Diodes Incorporated


AP2125 Product details

Features
- Excellent Ripple Rejection: 70dB Typical (1.8V Version)
- Low Dropout Voltage: 65mV (IOUT=100mA, 3.3V Version)
- Low Standby Current: 0.01μA Typical
- Low Quiescent Current: 60μA Typical
- Extremely Low Noise: 50μVrms Typical
- Maximum Output Current: 300mA (Min.)
- High Output Voltage Accuracy: ±2%
- Compatible with Low ESR Ceramic Capacitor
- Excellent Line/Load Regulation
- Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
- Halogen and Antimony Free. “Green” Device (Note 3)

Applications
- CDMA/GSM Cellular Handsets
- Battery-powered Equipments
- Laptops, Palmtops, Notebook Computers
- Hand-held Instruments
- PCMCIA Cards
- Portable Information Appliances




Similar Part No. - AP2125

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125K-1.8TRE1 BCDSEMI-AP2125K-1.8TRE1 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125K-1.8TRG1 BCDSEMI-AP2125K-1.8TRG1 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125K-2.5TRE1 BCDSEMI-AP2125K-2.5TRE1 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125K-2.5TRG1 BCDSEMI-AP2125K-2.5TRG1 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
More results


Similar Description - AP2125

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2125 BCDSEMI-AP2125 Datasheet
1,012Kb / 27P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com