Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2125 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # AP2125
Description  300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2125 Datasheet(HTML) 3 Page - Diodes Incorporated

  AP2125 Datasheet HTML 1Page - Diodes Incorporated AP2125 Datasheet HTML 2Page - Diodes Incorporated AP2125 Datasheet HTML 3Page - Diodes Incorporated AP2125 Datasheet HTML 4Page - Diodes Incorporated AP2125 Datasheet HTML 5Page - Diodes Incorporated AP2125 Datasheet HTML 6Page - Diodes Incorporated AP2125 Datasheet HTML 7Page - Diodes Incorporated AP2125 Datasheet HTML 8Page - Diodes Incorporated AP2125 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
AP2125
Document number: DS38144 Rev. 2 - 2
3 of 25
www.diodes.com
May 2016
© Diodes Incorporated
AP2125
Functional Block Diagram
3
1
5
2
SOT-23-3
SOT-23-5/SC-70-5
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Value
Unit
VIN
Input Voltage
6.5
V
VCE
Enable Input Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
450
mA
TJ
Junction Temperature
+150
ºC
TSTG
Storage Temperature Range
-65 to +150
ºC
TLEAD
Lead Temperature (Soldering, 10sec)
+260
ºC
θJA
Thermal Resistance
SOT-23-3
200
ºC/W
SOT-23-5
200
SC-70-5
300
ESD
ESD (Human Body Model)
6000
V
ESD
ESD (Machine Model)
400
V
Note 4:
Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied.
Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
VOUT+0.5V
6
V
TA
Operating Ambient Temperature Range
-40
+85
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com