Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2125 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2125
Description  300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2125 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2125 Datasheet HTML 9Page - Diodes Incorporated AP2125 Datasheet HTML 10Page - Diodes Incorporated AP2125 Datasheet HTML 11Page - Diodes Incorporated AP2125 Datasheet HTML 12Page - Diodes Incorporated AP2125 Datasheet HTML 13Page - Diodes Incorporated AP2125 Datasheet HTML 14Page - Diodes Incorporated AP2125 Datasheet HTML 15Page - Diodes Incorporated AP2125 Datasheet HTML 16Page - Diodes Incorporated AP2125 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AP2125
Document number: DS38144 Rev. 2 - 2
13 of 25
www.diodes.com
May 2016
© Diodes Incorporated
AP2125
Performance Characteristics (Cont.)
Output Voltage vs. Input Voltage
Output Voltage vs. Input Voltage
Output Voltage vs. Case Temperature
Output Voltage vs. Case Temperature
Supply Current vs. Input Voltage
Supply Current vs. Input Voltage
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
AP2125-1.8
T
C
=25
oC
No Load
Input Voltage (V)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
AP2125-3.3
T
C
=25
oC
No Load
Input Voltage (V)
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
-25
0
25
50
75
1.70
1.72
1.74
1.76
1.78
1.80
1.82
1.84
1.86
1.88
1.90
AP2125-1.8
V
IN
=2.8V
Case Temperature (
oC)
I
OUT
=10mA
I
OUT
=30mA
I
OUT
=100mA
I
OUT
=300mA
-25
0
25
50
75
3.20
3.22
3.24
3.26
3.28
3.30
3.32
3.34
3.36
3.38
3.40
AP2125-3.3
V
IN
=4.3V
Case Temperature (
oC)
I
OUT
=10mA
I
OUT
=30mA
I
OUT
=100mA
I
OUT
=300mA
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
90
100
AP2125-1.8
No Load
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
Input Voltage (V)
0
1
2
3
4
5
6
0
10
20
30
40
50
60
70
80
90
100
T
C
=-40
oC
T
C
=25
oC
T
C
=85
oC
AP2125-3.3
No Load
Input Voltage (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com