Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2125 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AP2125 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AP2125
Download  AP2125 Download
File Size   1012.36 Kbytes
Page   27 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR

AP2125 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP2125 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AP2125
Download  AP2125 Click to download

File Size   1012.36 Kbytes
Page   27 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description 300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR

AP2125 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AP2125 Product details

General Description
The AP2125 series are 300mA, positive voltage regulator ICs fabricated by CMOS process.
   
Features
• Excellent Ripple Rejection: 70dB Typical (1.8V
    Version)
• Low Dropout Voltage: 65mV (IOUT=100mA,
    3.3V Version)
• Low Standby Current: 0.01µA Typical
• Low Quiescent Current: 60µA Typical
• Extremely Low Noise: 50µVrms Typical
• Maximum Output Current: 300mA (Min.)
• High Output Voltage Accuracy: ±2%
• Compatible with Low ESR Ceramic Capacitor
• Excellent Line/Load Regulation
   
Applications
• CDMA/GSM Cellular Handsets
• Battery-powered Equipments
• Laptops, Palmtops, Notebook Computers
• Hand-held Instruments
• PCMCIA Cards
• Portable Information Appliances
   




Similar Part No. - AP2125

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-1.8TRG1 DIODES-AP2125K-1.8TRG1 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-2.5TRG1 DIODES-AP2125K-2.5TRG1 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-2.8TRG1 DIODES-AP2125K-2.8TRG1 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2125K-3.0TRG1 DIODES-AP2125K-3.0TRG1 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
More results


Similar Description - AP2125

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2126 BCDSEMI-AP2126 Datasheet
451Kb / 12P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128 Datasheet
519Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_09 Datasheet
678Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2129 BCDSEMI-AP2129_09 Datasheet
590Kb / 15P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
AP2128 BCDSEMI-AP2128_10 Datasheet
862Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
logo
Diodes Incorporated
AP2125 DIODES-AP2125 Datasheet
676Kb / 25P
300mA, HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2016
AP2126 DIODES-AP2126 Datasheet
272Kb / 9P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 May 2017
AP2127 DIODES-AP2127 Datasheet
914Kb / 24P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 7 - 2 December 2017
AP2128 DIODES-AP2128 Datasheet
861Kb / 21P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 0 Sept 2010
AP2129 DIODES-AP2129 Datasheet
417Kb / 13P
300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
Rev. 2 - 2 July 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com