Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2127 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP2127 Datasheet HTML 1Page - Diodes Incorporated AP2127 Datasheet HTML 2Page - Diodes Incorporated AP2127 Datasheet HTML 3Page - Diodes Incorporated AP2127 Datasheet HTML 4Page - Diodes Incorporated AP2127 Datasheet HTML 5Page - Diodes Incorporated AP2127 Datasheet HTML 6Page - Diodes Incorporated AP2127 Datasheet HTML 7Page - Diodes Incorporated AP2127 Datasheet HTML 8Page - Diodes Incorporated AP2127 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
4 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Value
Unit
VIN
Input Voltage
6.5
V
VCE
Shutdown Input Voltage
-0.3 to VIN +0.3
V
IOUT
Output Current
450
mA
TJ
Junction Temperature
+150
°C
TSTG
Storage Temperature Range
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10sec)
+260
°C
θJA
Thermal Resistance
(Junction to Ambient)
SOT-23
180
°C/W
SOT-23-3
250
SOT-23-5
250
SOT-89
100
ESD
ESD (Human Body Model)
6000
V
ESD
ESD (Machine Model)
200
V
Note:
4. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under "Recommended Operating Conditions" is not implied.
Exposure to "Absolute Maximum Ratings" for extended periods may affect device reliability.
Recommended Operating Conditions (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Min
Max
Unit
VIN
Input Voltage
2.5
6
V
TA
Operating Ambient Temperature
Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com