Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP2127 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2127
Description  300mA HIGH SPEED, EXTREMELY LOW NOISE CMOS LDO REGULATOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2127 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2127 Datasheet HTML 9Page - Diodes Incorporated AP2127 Datasheet HTML 10Page - Diodes Incorporated AP2127 Datasheet HTML 11Page - Diodes Incorporated AP2127 Datasheet HTML 12Page - Diodes Incorporated AP2127 Datasheet HTML 13Page - Diodes Incorporated AP2127 Datasheet HTML 14Page - Diodes Incorporated AP2127 Datasheet HTML 15Page - Diodes Incorporated AP2127 Datasheet HTML 16Page - Diodes Incorporated AP2127 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AP2127
Document number: DS36478 Rev. 7 - 2
13 of 24
www.diodes.com
December 2017
© Diodes Incorporated
AP2127
Application Notes (Cont.)
1µF
4.7µF
VIN
R1
VOUT
ADJ
R2
GND
Shutdown
Cf
AP2127
Figure 1. Application Circuit with Feed-forward Capacitor
Current Limit Protection
When output current at V
OUT pin is higher than current limit threshold, the current limit protection will be triggered and clamp the output current to
prevent over-current and to protect the regulator and load from damaged due to overheating.
Short Circuit Protection
When VOUT pin is shorted to GND, short circuit protection will be triggered and clamp the output current to approximately 50mA.
Auto discharge with Shutdown Version
For shutdown version, an auto discharge MOSFET with RDS(ON) of 60Ω typical is integrated between VOUT and GND pins, which can discharge
the charge of the output capacitors quickly when turning off AP2127 with Shutdown pin.
Thermal Consideration
Internal thermal protection circuitry of AP2127 is used to protect device during overload conditions. For continuous operation, ensure not to
exceed the operating junction temperature range of +125°C.
The power dissipation definition in the device is:
PD = (VIN - VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal resistance of IC package, PCB layout and the surrounding airflow. The maximum power
dissipation can also be calculated as:
PD(MAX) = (TJ(MAX) - TA) / θJA
The maximum power dissipation for SOT-23-5 package (least copper size) at TA = +25°C can be calculated as:
PD(MAX) = (125°C - 25°C) / (250°C/W) = 0.4W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com