Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR21 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CSR21
Description  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR21 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CSR21 Datasheet HTML 1Page - Cornell Dubilier Electronics CSR21 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR21 (MIL-C-39003/09) Solid Tantalum Capacitors
Ratings
MIL-C-39003/9 (CSR21) Dash Numbers
Max.
Max
Max
Exponential Failure Rate
Weibull Failure Rate
Max
DF
ESR
Ripple
(% per 1000 hours)
(% per 1000 hours)
Cap Case
DCL
@ 25 ºC @ 100 kHz
@ 40 kHz
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap Tol. ± Code @ 25 ºC 120 Hz
+25 ºC
+25 º
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(Ω)
(A rms)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
6 WVdc @ 85 ºC — 4 WVdc @ 125 ºC
150
10
C
4.5
10
0.065
3.3
2
102
202
302
2002
3002
4002
150
20
C
4.5
10
0.065
3.3
3
103
203
303
2003
3003
4003
180
10
C
5.5
10
0.060
3.4
5
105
205
305
2005
3005
4005
270
10
D
6.5
10
0.050
4.1
7
107
207
307
2007
3007
4007
330
10
D
7.5
12
0.045
4.3
9
109
209
309
2009
3009
4009
330
20
D
7.5
12
0.045
4.3
10
110
210
310
2010
3010
4010
10 WVdc @ 85 ºC — 7 WVdc @ 125 ºC
82
10
C
4.0
8
0.085
2.9
12
112
212
312
2012
3012
4012
100
10
C
5.0
8
0.075
3.0
14
114
214
314
2014
3014
4014
100
20
C
5.0
8
0.075
3.0
15
115
215
315
2015
3015
4015
120
10
C
6.0
8
0.070
3.2
17
117
217
317
2017
3017
4017
180
10
D
9.0
8
0.060
3.7
19
119
219
319
2019
3019
4019
220
10
D
10.0
10
0.055
3.9
21
121
221
321
2021
3021
4021
220
20
D
10.0
10
0.055
3.9
22
122
222
322
2022
3022
4022
15 WVdc @ 85 ºC — 10 WVdc @ 125 ºC
56
10
C
4.0
6
0.100
2.6
24
124
224
324
2024
3024
4024
68
10
C
5.0
6
0.095
2.7
26
126
226
326
2026
3026
4026
68
20
C
5.0
6
0.095
2.7
27
127
227
327
2027
3027
4027
120
10
D
9.0
8
0.070
3.5
29
129
229
329
2029
3029
4029
150
10
D
10.0
8
0.065
3.6
31
131
231
331
2031
3031
4031
150
20
D
10.0
8
0.065
3.6
32
132
232
332
2032
3032
4032
20 WVdc @ 85 ºC — 13 WVdc @ 125 ºC
27
10
C
2.5
5
0.145
2.2
34
134
234
334
2034
3034
4034
33
10
C
3.5
5
0.130
2.3
36
136
236
336
2036
3036
4036
33
20
C
3.5
5
0.130
2.3
37
137
237
337
2037
3037
4037
39
10
C
4.0
5
0.120
2.4
39
139
239
339
2039
3039
4039
47
10
C
4.5
6
0.110
2.5
41
141
241
341
2041
3041
4041
47
20
C
4.5
6
0.110
2.5
42
142
242
342
2042
3042
4042
56
10
D
5.5
6
0.100
2.9
44
144
244
344
2044
3044
4044
68
10
D
7.0
6
0.095
3.0
46
146
246
346
2046
3046
4046
68
20
D
7.0
6
0.095
3.0
47
147
247
347
2047
3047
4047
82
10
D
8.0
6
0.085
3.1
49
149
249
349
2049
3049
4049
100
10
D
10.0
8
0.075
3.3
51
151
251
351
2051
3051
4051
100
20
D
10.0
8
0.075
3.3
52
152
252
352
2052
3052
4052
35 WVdc @ 85 ºC — 23 WVdc @ 125 ºC
22
10
C
4.0
4
0.160
2.1
54
154
254
354
2054
3054
4054
22
20
C
4.0
4
0.160
2.1
55
155
255
355
2055
3055
4055
27
10
D
4.5
4
0.145
2.4
57
157
257
357
2057
3057
4057
33
10
D
5.5
5
0.130
2.5
59
159
259
359
2059
3059
4059
33
20
D
5.5
5
0.130
2.5
60
160
260
360
2060
3060
4060
39
10
D
7.0
5
0.120
2.6
62
162
262
362
2062
3062
4062
47
10
D
8.0
5
0.110
2.7
64
164
264
364
2064
3064
4064
47
20
D
8.0
5
0.110
2.7
65
165
265
365
2065
3065
4065
50 WVdc @ 85 ºC — 33 WVdc @ 125 ºC
5.6
10
C
2.2
3
0.300
1.5
67
167
267
367
2067
3067
4067
6.8
10
C
2.2
3
0.275
1.6
69
169
269
369
2069
3069
4069
6.8
20
C
2.2
3
0.250
1.6
70
170
270
370
2070
3070
4070
8.2
10
C
2.5
3
0.250
1.6
72
172
272
372
2072
3072
4072
10
10
C
2.5
3
0.230
1.7
74
174
274
374
2074
3074
4074
10
20
C
2.5
3
0.230
1.7
75
175
275
375
2075
3075
4075
12
10
C
3.0
3
0.210
1.8
77
177
277
377
2077
3077
4077
15
10
C
4.0
3
0.190
1.9
79
179
279
379
2079
3079
4079
15
20
C
4.0
3
0.190
1.9
80
180
280
380
2080
3080
4080
18
10
C
4.5
4
0.175
2.0
82
182
282
382
2082
3082
4082
22
10
D
5.5
4
0.160
2.3
84
184
284
384
2084
3084
4084
22
20
D
5.5
4
0.160
2.3
85
185
285
385
2085
3085
4085



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com