Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR21 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CSR21
Description  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR21 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CSR21 Datasheet HTML 1Page - Cornell Dubilier Electronics CSR21 Datasheet HTML 2Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR21 (MIL-C-39003/09) Solid Tantalum Capacitors
125 ºC, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
Type CSR21 (MIL-C-39003/09) military grade,
axial leaded, solid tantalum capacitors are hermetically
sealed for rugged environmental applications. They
have a very low ESR and are great for high frequency
applications.
Highlights
Very Low ESR
High Frequency Operation
Hermetically Sealed
Graded Failure Rates
Low DC Leakage
Temperature Stable
Frequency Stable
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
Reverse Voltage (Non-continuous)
DC Leakage:
Capacitance Change Maximum:
5.6 to 330 µF
6 to 50 WVdc at +85 ºC; 4 to 33 WVdc at 125 ºC
±10%, ±20%, (±5% by special order)
–55 to +125 ºC
15% of rated voltage @ +25 ºC
5% of rated voltage @ +85 ºC
1% of rated voltage @ +125 ºC
At +25 ºC – See ratings limit
At +85 ºC – 10 x ratings limit
At +125 ºC – 12.5 x ratings limit
–10% @ –55ºC
+8% @ +85 ºC
+12% @ +125 ºC
Outline Drawing
Case Sizes
Case Code
Uninsulated
Insulated
D
L
D
L
d
Quantity
±.005
±.031
±.010
±.031
C
±.001
Per
(±.13)
(±.79)
(±.25)
(±.79)
Maximum
(±.03)
Reel
C
.279 (7.09)
.650 (16.51)
.289 (7.34)
.686 (17.42)
.822 (20.88) .025 (.64)
500
D
.341 (8.66)
.750 (19.05)
.351 (8.92)
.786 (19.96)
.922 (23.42) .025 (.64)
400
1.500
.250
(38.1
6.35)
1.500
.250
(38.1
6.35)
C
L
D
d
+


Similar Part No. - CSR21

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
CSR2100 CYSTEKEC-CSR2100 Datasheet
244Kb / 4P
2.0Amp Schottky Barrier Diodes
logo
Eaton All Rights Reserv...
CSR2125N EATON-CSR2125N Datasheet
1Mb / 28P
Cutler- Hammer
2002
CSR2150N EATON-CSR2150N Datasheet
1Mb / 28P
Cutler- Hammer
2002
logo
Kemet Corporation
CSR21B553JA KEMET-CSR21B553JA Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED
CSR21B553JB KEMET-CSR21B553JB Datasheet
568Kb / 38P
TANTALUM HERMETICALLY SEALED
More results

Similar Description - CSR21

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
Subminiature, Leaded Solid Tantalum Capacitors
13-Jun-02
CX16 VISHAY-CX16 Datasheet
73Kb / 3P
Subminiature, Leaded Solid Tantalum Capacitors
17-Apr-02
logo
Cornell Dubilier Electr...
CSR13 CDE-CSR13 Datasheet
636Kb / 7P
Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A Datasheet
681Kb / 5P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF157K006P1F CDE-THF157K006P1F Datasheet
233Kb / 2P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TXA825K006P1A CDE-TXA825K006P1A Datasheet
316Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
TAS225K006P1A CDE-TAS225K006P1A_16 Datasheet
139Kb / 6P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
THF CDE-THF Datasheet
204Kb / 3P
Hermetically Sealed Axial Lead Solid Tantalum Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com