Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR23 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # CSR23
Description  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR23 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  CSR23 Datasheet HTML 1Page - Cornell Dubilier Electronics CSR23 Datasheet HTML 2Page - Cornell Dubilier Electronics CSR23 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR23 (MIL-C-39003/03) Solid Tantalum Capacitors
Ratings
MIL-C-39003/03 (CSR23) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Cap
Case
DCL
@ 25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Tol. ±
Code
@ 25 ºC
120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
6 WVdc @ 85 ºC — 4 WVdc @ 125 ºC
10
10
A
0.9
6
101
201
301
401
2001
3001
4001
10
20
A
0.9
6
102
202
302
402
2002
3002
4002
12
10
A
1.0
6
103
203
303
403
2003
3003
4003
100
10
B
6.0
8
104
204
304
404
2004
3004
4004
100
20
B
6.0
8
105
205
305
405
2005
3005
4005
330
10
C
15.0
8
106
206
306
406
2006
3006
4006
330
20
C
15.0
8
107
207
307
407
2007
3007
4007
390
10
C
15.0
10
108
208
308
408
2008
3008
4008
470
10
C
15.0
10
109
209
309
409
2009
3009
4009
470
20
C
15.0
10
110
210
310
410
2010
3010
4010
680
10
D
20.0
10
111
211
311
411
2011
3011
4011
680
20
D
20.0
10
112
212
312
412
2012
3012
4012
820
10
D
20.0
10
113
213
313
413
2013
3013
4013
1000
10
D
30.0
10
114
214
314
414
2014
3014
4014
1000
20
D
30.0
10
115
215
315
415
2015
3015
4015
10 WVdc @ 85 ºC — 7 WVdc @ 125 ºC
6.8
10
A
1.0
6
116
216
316
416
2016
3016
4016
6.8
20
A
1.0
6
117
217
317
417
2017
3017
4017
8.2
10
A
1.2
6
118
218
318
418
2018
3018
4018
47
10
B
5.0
6
119
219
319
419
2019
3019
4019
47
20
B
5.0
6
120
220
320
420
2020
3020
4020
56
10
B
6.0
6
121
221
321
421
2021
3021
4021
68
10
B
7.0
6
122
222
322
422
2022
3022
4022
68
20
B
7.0
6
123
223
323
423
2023
3023
4023
82
10
B
8.0
6
124
224
324
424
2024
3024
4024
220
10
C
15.0
6
125
225
325
425
2025
3025
4025
220
20
C
15.0
6
126
226
326
426
2026
3026
4026
270
10
C
15.0
8
127
227
327
427
2027
3027
4027
390
10
D
20.0
10
128
228
328
428
2028
3028
4028
470
10
D
20.0
10
129
229
329
429
2029
3029
4029
470
20
D
20.0
10
130
230
330
430
2030
3030
4030
560
10
D
30.0
10
131
231
331
431
2031
3031
4031
15 WVdc @ 85 ºC — 10 WVdc @ 125 ºC
4.7
10
A
1.0
4
132
232
332
432
2032
3032
4032
4.7
20
A
1.0
4
133
233
333
433
2033
3033
4033
5.6
10
A
1.3
4
134
234
334
434
2034
3034
4034
33
10
B
6.0
6
135
235
335
435
2035
3035
4035
33
20
B
6.0
6
136
236
336
436
2036
3036
4036
39
10
B
15.0
6.0
137
237
337
437
2037
3037
4037
150
10
C
15.0
8.0
138
238
338
438
2038
3038
4038
150
20
C
15.0
8.0
139
239
339
439
2039
3039
4039
180
10
C
20.0
8.0
140
240
340
440
2040
3040
4040
220
10
D
20.0
8.0
141
241
341
441
2041
3041
4041
220
20
D
20.0
8.0
142
242
342
442
2042
3042
4042
270
10
D
20.0
8.0
143
243
343
443
2043
3043
4043
330
10
D
20.0
8.0
144
244
344
444
2044
3044
4044



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com