Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSR23 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # CSR23
Description  Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CSR23 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  CSR23 Datasheet HTML 1Page - Cornell Dubilier Electronics CSR23 Datasheet HTML 2Page - Cornell Dubilier Electronics CSR23 Datasheet HTML 3Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type CSR23 (MIL-C-39003/03) Solid Tantalum Capacitors
+ C failure rate: Not QPL for -3085 thru -3087
+D failure rate: Not QPL for -4085 thru -4087
Ratings
MIL-C-39003/03 (CSR23) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Cap
Case
DCL
@ 25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Tolerance
Code
@ 25 ºC
120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
6 WVdc @ 85 ºC — 4 WVdc @ 125 ºC
10
10
A
0.9
6
101
201
301
401
2001
3001
4001
10
20
A
0.9
6
102
202
302
402
2002
3002
4002
12
10
A
1.0
6
103
203
303
403
2003
3003
4003
100
10
B
6.0
8
104
204
304
404
2004
3004
4004
100
20
B
6.0
8
105
205
305
405
2005
3005
4005
330
10
C
15.0
8
106
206
306
406
2006
3006
4006
330
20
C
15.0
8
107
207
307
407
2007
3007
4007
390
10
C
15.0
10
108
208
308
408
2008
3008
4008
470
10
C
15.0
10
109
209
309
409
2009
3009
4009
470
20
C
15.0
10
110
210
310
410
2010
3010
4010
680
10
D
20.0
10
111
211
311
411
2011
3011
4011
680
20
D
20.0
10
112
212
312
412
2012
3012
4012
820
10
D
20.0
10
113
213
313
413
2013
3013
4013
1000
10
D
30.0
10
114
214
314
414
2014
3014
4014
1000
20
D
30.0
10
115
215
315
415
2015
3015
4015
10 WVdc @ 85 ºC — 7 WVdc @ 125 ºC
6.8
10
A
1.0
6
116
216
316
416
2016
3016
4016
6.8
20
A
1.0
6
117
217
317
417
2017
3017
4017
8.2
10
A
1.2
6
118
218
318
418
2018
3018
4018
47
10
B
5.0
6
119
219
319
419
2019
3019
4019
47
20
B
5.0
6
120
220
320
420
2020
3020
4020
56
10
B
6.0
6
121
221
321
421
2021
3021
4021
68
10
B
7.0
6
122
222
322
422
2022
3022
4022
68
20
B
7.0
6
123
223
323
423
2023
3023
4023
82
10
B
8.0
6
124
224
324
424
2024
3024
4024
220
10
C
15.0
6
125
225
325
425
2025
3025
4025
220
20
C
15.0
6
126
226
326
426
2026
3026
4026
270
10
C
15.0
8
127
227
327
427
2027
3027
4027
390
10
D
20.0
10
128
228
328
428
2028
3028
4028
470
10
D
20.0
10
129
229
329
429
2029
3029
4029
470
20
D
20.0
10
130
230
330
430
2030
3030
4030
560
10
D
30.0
10
131
231
331
431
2031
3031
4031
15 WVdc @ 85 ºC — 10 WVdc @ 125 ºC
4.7
10
A
1.0
4
132
232
332
432
2032
3032
4032
4.7
20
A
1.0
4
133
233
333
433
2033
3033
4033
5.6
10
A
1.3
4
134
234
334
434
2034
3034
4034
33
10
B
6.0
6
135
235
335
435
2035
3035
4035
33
20
B
6.0
6
136
236
336
436
2036
3036
4036
39
10
B
15.0
6.0
137
237
337
437
2037
3037
4037
150
10
C
15.0
8.0
138
238
338
438
2038
3038
4038
150
20
C
15.0
8.0
139
239
339
439
2039
3039
4039
180
10
C
20.0
8.0
140
240
340
440
2040
3040
4040
220
10
D
20.0
8.0
141
241
341
441
2041
3041
4041
220
20
D
20.0
8.0
142
242
342
442
2042
3042
4042
270
10
D
20.0
8.0
143
243
343
443
2043
3043
4043
330
10
D
20.0
8.0
144
244
344
444
2044
3044
4044
MIL-C-39003/03 (CSR23) Dash Numbers
Max.
Exponential Failure Rate
Weibull Failure Rate
Max
DF
(% per 1000 hours)
(% per 1000 hours)
Cap
Case
DCL
@ 25 ºC
'M'
'P'
'R'
'S'
'B'
'C'
'D'
Cap
Tol. ±
Code
@ 25 ºC
120 Hz
Level
Level
Level
Level
Level
Level
Level
(µF)
(%)
(µA)
(%)
(1.0)
(.10)
(.01)
(.001)
(.10)
(.01)
(.001)
20 WVdc @ 85 ºC — 13 WVdc @ 125 ºC
2.7
10
A
0.8
4
146
246
346
446
2046
3046
4046
3.3
10
A
1.0
4
147
247
347
447
2047
3047
4047
3.3
20
A
1.0
4
148
248
348
448
2048
3048
4048
3.9
10
A
1.2
4
149
249
349
449
2049
3049
4049
18
10
B
4.0
6
150
250
350
450
2050
3050
4050
22
10
B
4.0
6
151
251
351
451
2051
3051
4051
22
20
B
4.0
6
152
252
352
452
2052
3052
4052
27
10
B
5.0
6
153
253
353
453
2053
3053
4053
56
10
C
9.0
6
154
254
354
454
2054
3054
4054
68
10
C
10.0
6
155
255
355
455
2055
3055
4055
68
20
C
10.0
6
156
256
356
456
2056
3056
4056
82
10
C
10.0
6
157
257
357
457
2057
3057
4057
100
10
C
15.0
6
158
258
358
458
2058
3058
4058
100
20
C
15.0
6
159
259
359
459
2059
3059
4059
120
10
C
15.0
6
160
260
360
460
2060
3060
4060
150
10
D
20.0
8
161
261
361
461
2061
3061
4061
150
20
D
20.0
8
162
262
362
462
2062
3062
4062
180
10
D
20.0
8
163
263
363
463
2063
3063
4063
35 WVdc @ 85 ºC — 23 WVdc @ 125 ºC
1.8
10
A
1.0
4
164
264
364
464
2064
3064
4064
8.2
10
B
3.5
6
165
265
365
465
2065
3065
4065
10.0
10
B
4.0
6
166
266
366
466
2066
3066
4066
10.0
20
B
4.0
6
167
267
367
467
2067
3067
4067
33.0
10
C
10.0
6
168
268
368
468
2068
3068
4068
33.0
20
C
10.0
6
169
269
369
469
2069
3069
4069
39.0
10
C
10.0
6
170
270
370
470
2070
3070
4070
47.0
10
C
10.0
6
171
271
371
471
2071
3071
4071
47.0
20
C
10.0
6
172
272
372
472
2072
3072
4072
56.0
10
D
15.0
6
173
273
373
473
2073
3073
4073
68.0
10
D
15.0
6
174
274
374
474
2074
3074
4074
68.0
20
D
15.0
6
175
275
375
475
2075
3075
4075
50 WVdc @ 85 ºC — 33 WVdc @ 125 ºC
1.2
10
A
0.9
4
176
276
376
476
2076
3076
4076
1.5
10
A
1.2
4
177
277
377
477
2077
3077
4077
1.5
20
A
1.2
4
178
278
378
478
2078
3078
4078
5.6
10
B
4.5
4
179
279
379
479
2079
3079
4079
6.8
10
B
4.5
6
180
280
380
480
2080
3080
4080
6.8
20
B
4.5
6
181
281
381
481
2081
3081
4081
22
10
C
10
6
182
282
382
482
2082
3082
4082
22
20
C
10
6
183
283
383
483
2083
3083
4083
27
10
C
10
6
184
284
384
484
2084
3084
4084
33
10
D
10
6
185
285
385
485
2085
3085
4085
33
20
D
10
6
186
286
386
486
2086
3086
4086
39
10
D
10
6
187
287
387
487
2087
3087
4087



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com