Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD2NB80 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD2NB80
Description  N - CHANNEL 800V - 4.6 ohm - 1.9A - IPAK/DPAK PowerMESH MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD2NB80 Datasheet(HTML) 1 Page - STMicroelectronics

  STD2NB80 Datasheet HTML 1Page - STMicroelectronics STD2NB80 Datasheet HTML 2Page - STMicroelectronics STD2NB80 Datasheet HTML 3Page - STMicroelectronics STD2NB80 Datasheet HTML 4Page - STMicroelectronics STD2NB80 Datasheet HTML 5Page - STMicroelectronics STD2NB80 Datasheet HTML 6Page - STMicroelectronics STD2NB80 Datasheet HTML 7Page - STMicroelectronics STD2NB80 Datasheet HTML 8Page - STMicroelectronics STD2NB80 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
STD2NB80
N - CHANNEL 800V - 4.6
Ω - 1.9A - IPAK/DPAK
PowerMESH
™ MOSFET
s
TYPICAL RDS(on) = 4.6
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
VERY LOW INTRINSIC CAPACITANCES
s
GATE CHARGE MINIMIZED
s
ADD SUFFIX ”T4” FOR ORDERING IN TAPE
& REEL (2500 UNITS)
DESCRIPTION
Using the latest high voltage MESH OVERLAY
™
process, STMicroelectronics has designed an
advanced family
of
power MOSFETs
with
outstanding performances.
The
new
patent
pending strip layout coupled with the Company’s
proprietary edge termination structure, gives the
lowest RDS(on) per area, exceptional avalanche
and dv/dt capabilities and unrivalled gate charge
and switching characteristics.
APPLICATIONS
s
SWITCH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVE
INTERNAL SCHEMATIC DIAGRAM
January 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
800
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
800
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC1.9
A
ID
Drain Current (continuous) at Tc =100
oC1.2
A
IDM (
•)
Drain Current (pulsed)
7.6
A
Ptot
T otal Dissipation at Tc =25
oC55
W
Derating Factor
0.44
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4.5
V/ns
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤ 2A, di/dt ≤ 200 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST D2NB80
800 V
< 6.5
Ω
1.9 A
3
2
1
IPAK
TO-251
(Suffix ”-1”)
1
3
DPAK
TO-252
(Suffix ”T4”)
®
1/9


Similar Part No. - STD2NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD2NB25 STMICROELECTRONICS-STD2NB25 Datasheet
274Kb / 9P
N - CHANNEL 250V - 1.7ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Oct-1998
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD2NB50-1 STMICROELECTRONICS-STD2NB50-1 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD2NB60 STMICROELECTRONICS-STD2NB60 Datasheet
291Kb / 9P
N - CHANNEL ENHANCEMENT MODE PowerMESH MOSFET
Mar-1998
More results

Similar Description - STD2NB80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD1NB60 STMICROELECTRONICS-STD1NB60 Datasheet
66Kb / 6P
N - CHANNEL 600V - 7.4ohm - 1A - IPAK/DPAK PowerMESH MOSFET
Nov-1999
STD1NB80- STMICROELECTRONICS-STD1NB80- Datasheet
56Kb / 5P
N - CHANNEL 800V - 16ohm - 1A - IPAK PowerMESH MOSFET
Sep-1998
STD1NB80 STMICROELECTRONICS-STD1NB80 Datasheet
66Kb / 6P
N - CHANNEL 800V - 16ohm - 1A - DPAK/IPAK PowerMESH MOSFET
STD2NB25 STMICROELECTRONICS-STD2NB25 Datasheet
274Kb / 9P
N - CHANNEL 250V - 1.7ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Oct-1998
STD2NB40 STMICROELECTRONICS-STD2NB40 Datasheet
66Kb / 6P
N - CHANNEL 400V - 3.5ohm - 2A - IPAK/DPAK PowerMESH MOSFET
Jul-1999
STD2NB50 STMICROELECTRONICS-STD2NB50 Datasheet
451Kb / 10P
N-CHANNEL 500V - 5ohm - 1A DPAK / IPAK PowerMesh™ MOSFET
Sep-2001
STD3NB50 STMICROELECTRONICS-STD3NB50 Datasheet
75Kb / 6P
N - CHANNEL 500V - 2.5ohm - 3A - IPAK/DPAK PowerMESH MOSFET
May-1998
STD4NB40 STMICROELECTRONICS-STD4NB40 Datasheet
449Kb / 10P
N-CHANNEL 400V - 1.47ohm - 4A DPAK/IPAK PowerMESH™ MOSFET
Jun-2001
STD7NB20 STMICROELECTRONICS-STD7NB20 Datasheet
488Kb / 10P
N-CHANNEL 200V - 0.3ohm - 7A DPAK/IPAK PowerMESH™ MOSFET
Jul-2002
STB11NB40-1 STMICROELECTRONICS-STB11NB40-1 Datasheet
245Kb / 11P
N-CHANNEL 400V - 0.48ohm - 10.7A DPAK/IPAK PowerMESH MOSFET
14-Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com