Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 91 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 87Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 88Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 89Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 90Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 91Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 92Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 93Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 94Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 183 page
background image
91
AT89C51CC03
4182B–CAN–09/03
Enable General CAN IT in the interrupt system register,
Enable interrupt by message object, EICHi,
Enable interrupt on error, ENERCH.
To enable an interrupt on general error:
Enable General CAN IT in the interrupt system register,
Enable interrupt on error, ENERG.
To enable an interrupt on Buffer-full condition:
Enable General CAN IT in the interrupt system register,
Enable interrupt on Buffer full, ENBUF.
To enable an interrupt when Timer overruns:
Enable Overrun IT in the interrupt system register.
When an interrupt occurs, the corresponding message object bit is set in the SIT
register.
To acknowledge an interrupt, the corresponding CANSTCH bits (RXOK, TXOK,...) or
CANGIT bits (OVRTIM, OVRBUF,...), must be cleared by the software application.
When the CAN node is in transmission and detects a Form Error in its frame, a bit Error
will also be raised. Consequently, two consecutive interrupts can occur, both due to the
same error.
When a message object error occurs and is set in CANSTCH register, no general error
are set in CANGIE register.
Bit Timing and Baud Rate
Figure 47. Sample And Transmission Point
The baud rate selection is made by Tbit calculation:
Tbit = Tsyns + Tprs + Tphs1 + Tphs2
1.
Tsyns = Tscl = (BRP[5..0]+ 1)/Fcan = 1TQ.
2.
Tprs = (1 to 8) * Tscl = (PRS[2..0]+ 1) * Tscl
3.
Tphs1 = (1 to 8) * Tscl = (PHS1[2..0]+ 1) * Tscl
4.
Tphs2 = (1 to 8) * Tscl = (PHS2[2..0]+ 1) * Tscl
5.
Tsjw = (1 to 4) * Tscl = (SJW[1..0]+ 1) * Tscl
The total number of Tscl (Time Quanta) in a bit time must be comprised between 8 to
25.
FCAN
CLOCK
Prescaler BRP
PRS 3-bit length
PHS1 3-bit length
PHS2 3-bit length
SJW 2-bit length
Bit Timing
System clock Tscl
Time Quantum
Sample point
Transmission point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com