Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC03U-RDTIM Datasheet(PDF) 17 Page - ATMEL Corporation

Part # AT89C51CC03U-RDTIM
Description  Enhanced 8-bit MCU with CAN Controller and Flash Memory
PDF  183 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC03U-RDTIM Datasheet(HTML) 17 Page - ATMEL Corporation

Back Button AT89C51CC03U-RDTIM Datasheet HTML 13Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 14Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 15Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 16Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 17Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 18Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 19Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 20Page - ATMEL Corporation AT89C51CC03U-RDTIM Datasheet HTML 21Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 183 page
background image
17
AT89C51CC03
4182B–CAN–09/03
Reserved
Note:
1. Do not read or write Reserved Registers
2. These registers are bitaddressable.
Sixteen addresses in the SFR space are both byteaddressable and bitaddressable. The bitaddressable SFR’s are those
whose address ends in 0 and 8. The bit addresses, in this area, are 0x80 through to 0xFF.
Table 1. SFR Mapping
0/8(2)
1/9
2/A
3/B
4/C
5/D
6/E
7/F
F8h
IPL1
xxxx x000
CH
0000 0000
CCAP0H
0000 0000
CCAP1H
0000 0000
CCAP2H
0000 0000
CCAP3H
0000 0000
CCAP4H
0000 0000
FFh
F0h
B
0000 0000
ADCLK
xxx0 0000
ADCON
x000 0000
ADDL
0000 0000
ADDH
0000 0000
ADCF
0000 0000
IPH1
xxxx x000
F7h
E8h
IEN1
xxxx x000
CL
0000 0000
CCAP0L
0000 0000
CCAP1L
0000 0000
CCAP2L
0000 0000
CCAP3L
0000 0000
CCAP4L
0000 0000
EFh
E0h
ACC
0000 0000
E7h
D8h
CCON
0000 0000
CMOD
00xx x000
CCAPM0
x000 0000
CCAPM1
x000 0000
CCAPM2
x000 0000
CCAPM3
x000 0000
CCAPM4
x000 0000
DFh
D0h
PSW
0000 0000
FCON
0000 0000
EECON
xxxx xx00
FSTA
xxxx xx00
SPCON
0001 0100
SPSTR
0000 0000
SPDAT
xxxx xxxx
D7h
C8h
T2CON
0000 0000
T2MOD
xxxx xx00
RCAP2L
0000 0000
RCAP2H
0000 0000
TL2
0000 0000
TH2
0000 0000
CANEN1
x000 0000
CANEN2
0000 0000
CFh
C0h
P4
xxx1 1111
CANGIE
xx00 000x
CANIE1
x000 0000
CANIE2
0000 0000
CANIDM1
xxxx xxxx
CANIDM2
xxxx xxxx
CANIDM3
xxxx xxxx
CANIDM4
xxxx xxxx
C7h
B8h
IPL0
x000 0000
SADEN
0000 0000
CANSIT1
0000 0000
CANSIT2
0000 0000
CANIDT1
xxxx xxxx
CANIDT2
xxxx xxxx
CANIDT3
xxxx xxxx
CANIDT4
xxxx xxxx
BFh
B0h
P3
1111 1111
CANPAGE
0000 0000
CANSTCH
xxxx xxxx
CANCONCH
xxxx xxxx
CANBT1
xxxx xxxx
CANBT2
xxxx xxxx
CANBT3
xxxx xxxx
IPH0
x000 0000
B7h
A8h
IEN0
0000 0000
SADDR
0000 0000
CANGSTA
x0x0 0000
CANGCON
0000 0x00
CANTIML
0000 0000
CANTIMH
0000 0000
CANSTMPL
0000 0000
CANSTMPH
0000 0000
AFh
A0h
P2
1111 1111
CANTCON
0000 0000
AUXR1
xxxx 00x0
CANMSG
xxxx xxxx
CANTTCL
0000 0000
CANTTCH
0000 0000
WDTRST
1111 1111
WDTPRG
xxxx x000
A7h
98h
SCON
0000 0000
SBUF
0000 0000
CANGIT
0x00 0000
CANTEC
0000 0000
CANREC
0000 0000
CKCON1
xxxx xxx0
9Fh
90h
P1
1111 1111
97h
88h
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
x001 0100
CKCON0
0000 0000
8Fh
80h
P0
1111 1111
SP
0000 0111
DPL
0000 0000
DPH
0000 0000
PCON
00x1 0000
87h
0/8
(2)
1/9
2/A
3/B
4/C
5/D
6/E
7/F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com