Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M025ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SH331M025ST
Description  105 ?CRadial Leaded Aluminum Electorlytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M025ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SH331M025ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M025ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M025ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M025ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M025ST Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electorlytic Capacitors
SH
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SH
1R0 = 1
K = ±10
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
47
SH470M6R3ST
7.34
65
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SH101M6R3ST
3.45
100
.197 (5.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SH221M6R3ST
1.57
165
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SH331M6R3ST
1.05
200
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
470
SH471M6R3ST
0.73
280
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
1000
SH102M6R3ST
0.35
470
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
2200
SH222M6R3ST
0.17
930
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
3300
SH332M6R3ST
0.12
1100
.512 (13.0) .787 (20.0)
.295 (7.5)
.0315 (0.8)
4700
SH472M6R3ST
0.10
1320
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
10 Vdc (13 Volts Surge)
47
SH470M010ST
6.21
75
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SH101M010ST
2.92
110
.197 (5.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SH221M010ST
1.33
180
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SH331M010ST
0.88
255
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
470
SH471M010ST
0.62
305
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
1000
SH102M010ST
0.29
570
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
2200
SH222M010ST
0.14
1010
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
3300
SH332M010ST
0.10
1220
.512 (13.0) .984 (25.0)
.197 (5.0)
.0315 (0.8)
4700
SH472M010ST
0.08
1410
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
16 Vdc (20 Volts Surge)
33
SH330M016ST
7.24
70
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SH470M016ST
5.08
85
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SH101M016ST
2.39
135
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SH221M016ST
1.09
235
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
330
SH331M016ST
0.72
285
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
470
SH471M016ST
0.51
395
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
1000
SH102M016ST
0.24
700
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
2200
SH222M016ST
0.12
1150
.512 (13.0) .984 (25.0)
.197 (5.0)
.0315 (0.8)
3300
SH332M016ST
0.09
1350
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
4700
SH472M016ST
0.36
1560
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
25 Vdc (32 Volts Surge)
10
SH100M025ST
21.23
39
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SH220M025ST
9.65
60
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SH330M025ST
6.43
75
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SH470M025ST
4.52
90
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SH101M025ST
2.12
145
.236 (6.0)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SH221M025ST
0.97
250
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
330
SH331M025ST
0.64
355
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
470
SH471M025ST
0.45
470
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
1000
SH102M025ST
0.21
855
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
2200
SH222M025ST
0.11
1230
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
3300
SH332M025ST
0.08
1450
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
4700
SH472M025ST
0.07
1690
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
Ratings
RoHS Compliant



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com