Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M025ST Datasheet(PDF) 5 Page - Cornell Dubilier Electronics

Part # SH331M025ST
Description  105 ?CRadial Leaded Aluminum Electorlytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M025ST Datasheet(HTML) 5 Page - Cornell Dubilier Electronics

  SH331M025ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M025ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M025ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M025ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M025ST Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electorlytic Capacitors
Ratings
* Over 160 Vdc the ripple is measured at 85 ºC
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
100 Vdc (300 Volts Surge)
22.0
SH220M100ST
6.03
115
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
33.0
SH330M100ST
4.02
160
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
47.0
SH470M100ST
2.82
210
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
100.0
SH101M100ST
1.33
385
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
220.0
SH221M100ST
0.60
590
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
330.0
SH331M100ST
0.40
720
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
470.0
SH471M100ST
0.28
875
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
* 160 Vdc (200 Volts Surge)
1.0
SH010M160ST
199.04
17
.197 (5.0) .433 (11.0)
.079 (2.0)
.0197 (0.5)
2.2
SH2R2M160ST
90.47
25
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
3.3
SH3R3M160ST
60.32
36
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
4.7
SH4R7M160ST
42.35
43
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
10
SH100M160ST
19.90
70
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
22
SH220M160ST
9.05
130
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
33
SH330M160ST
6.03
180
.512 (13.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
47
SH470M160ST
4.23
270
.512 (13.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
100
SH101M160ST
1.99
330
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
* 200 Vdc (250 Volts Surge)
1.0
SH010M200ST
199.04
17
.236 (6.0) .433 (11.0)
.098 (2.5)
.0197 (0.5)
2.2
SH2R2M200ST
90.47
25
.315 (8.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
3.3
SH3R3M200ST
60.32
36
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
4.7
SH4R7M200ST
42.35
50
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
10
SH100M200ST
19.90
80
.394 (10.0) .630 (16.0)
.197 (5.0)
.0236 (0.6)
22
SH220M200ST
9.05
140
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
33
SH330M200ST
6.03
190
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
47
SH470M200ST
4.23
220
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
100
SH101M200ST
1.99
335
.630 (16.0) 1.26 (32.0)
.295 (7.5)
.0315 (0.8)
* 250 Vdc (300 Volts Surge)
1.0
SH010M250ST
199.04
17
.236 (6.0) .433 (11.0)
.138 (3.5)
.0197 (0.5)
2.2
SH2R2M250ST
90.47
29
.315 (8.0) .453 (11.5)
.138 (3.5)
.0236 (0.6)
3.3
SH3R3M250ST
60.32
42
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
4.7
SH4R7M250ST
42.35
50
.394 (10.0) .472 (12.0)
.197 (5.0)
.0236 (0.6)
10
SH100M250ST
19.90
88
.394 (10.0) .787 (20.0)
.197 (5.0)
.0236 (0.6)
22
SH220M250ST
9.05
155
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
33
SH330M250ST
6.03
190
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)
47
SH470M250ST
4.23
230
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
100
SH101M250ST
1.99
340
.709 (18.0) 1.40 (36.0)
.295 (7.5)
.0315 (0.8)
* 400 Vdc (450 Volts Surge)
22
SH220M400ST
12.06
110
.630 (16.0) .984 (25.0)
.295 (7.5)
.0315 (0.8)
* 450 Vdc (500 Volts Surge)
10.0
SH100M450ST
26.54
80
.512 (13.0) .984 (25.0)
.197 (5.0)
.0236 (0.6)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com