Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M035ST Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SH331M035ST
Description  105 ?CRadial Leaded Aluminum Electorlytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M035ST Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SH331M035ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M035ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M035ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M035ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M035ST Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electorlytic Capacitors
Outline Drawing
Temperature Characteristics
Load Life Characteristics
Part Numbering System
SH
100
M
100
S
T
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SH
1R0 = 1
K = ±10
6R3 = 6.3 A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10 E = Different Characteristic
2 = Lead form
101 = 100
100 = 100 R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Part Numbering System
Vinyl sleeve adds .5 Max. to diameter
and 2.0 Max. to length
Outline Dimensions
(Millimeters)
Case vented on
diameters 6.3 and greater
L
S
0.5
15 Min.
D
5
PVC Sleeve
d
0.05
+
-
5
-40
0
10
40
80
% C
Temperature
gC
Capacitance Change Ratio
20
0
-10
-20
47 F 100V
100 F 160V
Temperature
gC
Dissipation Factor Change
-40
0
40
80
% DF
100
50
10
5
1
100 F 160V
47 F 100V
-30
30
40
120
120
5
0
500
10
1000
1500
% C
Time In Hours
Capacitance Change Ratio
0
-10
-20
Time In Hours
Leakage Current Change
0
500
1000
1500
% LC
100
50
10
1
100 F 160V
47 F 100V
2000
2000
0
500
20
1000
1500
% DF
Time In Hours
Dissipation Factor Change
15
10
5
100 F 160V
470 F 25V
2000
47 F 100V
100 F 160V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com