Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SH331M035ST Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # SH331M035ST
Description  105 ?CRadial Leaded Aluminum Electorlytic Capacitors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SH331M035ST Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  SH331M035ST Datasheet HTML 1Page - Cornell Dubilier Electronics SH331M035ST Datasheet HTML 2Page - Cornell Dubilier Electronics SH331M035ST Datasheet HTML 3Page - Cornell Dubilier Electronics SH331M035ST Datasheet HTML 4Page - Cornell Dubilier Electronics SH331M035ST Datasheet HTML 5Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SH 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
2000 Hour Long Life, Aluminum Electrolytic
Type SH is a radial leaded aluminum electrolytic ca-
pacitor with a +105 ºC, 2000 hour long life rating. The
SH is a high reliability product and is ideal for high
quality applications that require long life in high tem-
peratures environments.
Highlights
+105 ºC
2000 hours - long life
High reliability
Available in T&R and ammo pack
•
•
•
•
Specifications
Capacitance Range:
Voltage Range:
Capacitance Tolerance:
Operating Temperature Range:
DC Leakage Current:
Dissipation Factor @ 120 Hz, +25 ºC:
Ripple Multipliers for Voltage and Temperature:
Load Life Test:
Shelf Life:
0.47 to 15,000 µF
6.3 to 350 Vdc
±20%
–40 ºC to +105 ºC (–25 ºC for 160 to 350 Vdc)
After 2 minutes, 25 ºC at rated voltage
6.3 to 100 Vdc
I = .001CV + 3 µA Max
≥ 160 Vdc after voltage applied for 3 minutes
I = .03CV + 10 µA Max
C = Capacitance in (µF)
V = Rated voltage
I = Leakage current in µA
WV (V) 6.3 10 16 25 35 50 63 100 160-250 400-450
DF(%) 26 22 18 16 14 12 10 10
15
24
Rated
Ripple Multipliers
WVDC
60Hz
120Hz
1kHz
10kHz
6 to 25
0.80
1.0
1.1
1.2
35 to 100
0.75
1.0
1.3
1.4
160 to 250
0.70
1.0
1.4
1.6
Ambient
Ripple
Temperature Multiplier
+105 ºC
1.00
+85 ºC
1.50
+70 ºC
1.80
Apply WVDC for 2000 hours at +105 ºC
Capacitance change within 20% of initial limit
DF not to exceed 200% of initial requirement
Leakage current meets initial limits
1000 hrs with no voltage applied
Cap change within 20% of initial values
DF ≤ 200% of initial requirements
DC leakage current meets initial requirement


Similar Part No. - SH331M035ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SH331M035ST CDE-SH331M035ST Datasheet
364Kb / 7P
2000 Hour Long Life, Aluminum Electrolytic
More results

Similar Description - SH331M035ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
057152U6R3FE2 CDE-057152U6R3FE2 Datasheet
175Kb / 4P
Type 057 105 째C Military Grade, Axial Leaded, Aluminum
SKA470M6R3 CDE-SKA470M6R3 Datasheet
387Kb / 3P
Axial Leaded Aluminum Electrolytic Capacitors
SEK101M6R3ST CDE-SEK101M6R3ST Datasheet
446Kb / 6P
105 ?C Radial Leaded Aluminum Electrolytic Capacitors
SK101M6R3ST CDE-SK101M6R3ST Datasheet
434Kb / 6P
85 ?C Radial Leaded Aluminum Electorlytic Capacitors
TCX103U010L3C CDE-TCX103U010L3C Datasheet
210Kb / 2P
105 쨘C, Axial Leaded Aluminum Electrolytic Capacitors Extended Life Computer Grade Capacitor
logo
Vishay Siliconix
81D VISHAY-81D Datasheet
348Kb / 5P
Aluminum Capacitors 105 °C, Snap-In
25-Aug-08
81DA VISHAY-81DA_08 Datasheet
321Kb / 4P
Aluminum Capacitors 105 °C, Snap-In
26-Aug-08
logo
Panasonic Semiconductor
EEU-FR1A101B PANASONIC-EEU-FR1A101B Datasheet
253Kb / 1P
Radial Leaded Aluminum Electrolytic Capacitors
logo
AVX Corporation
REF AVX-REF Datasheet
519Kb / 7P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
REH AVX-REH Datasheet
500Kb / 8P
Radial Leaded Aluminum Electrolytic Capacitors
Rev 0
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com