Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD3NC50 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD3NC50
Description  N - CHANNEL 500V - 2.4ohm - 3A TO-251/TO-252 PowerMESHII MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD3NC50 Datasheet(HTML) 1 Page - STMicroelectronics

  STD3NC50 Datasheet HTML 1Page - STMicroelectronics STD3NC50 Datasheet HTML 2Page - STMicroelectronics STD3NC50 Datasheet HTML 3Page - STMicroelectronics STD3NC50 Datasheet HTML 4Page - STMicroelectronics STD3NC50 Datasheet HTML 5Page - STMicroelectronics STD3NC50 Datasheet HTML 6Page - STMicroelectronics STD3NC50 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
STD3NC50
N - CHANNEL 500V - 2.4
Ω - 3A TO-251/TO-252
PowerMESH
™ ΙΙ MOSFET
PRELIMINARY DATA
s
TYPICAL RDS(on) = 2.4
Ω
s
EXTREMELY HIGH dv/dt CAPABILITY
s
100% AVALANCHE TESTED
s
NEW HIGH VOLTAGE BENCHMARK
s
GATE CHARGE MINIMIZED
s
ADD SUFFIX ”T4” FOR ORDERING IN TAPE
& REEL.
DESCRIPTION
The PowerMESH
™ ΙΙ is the evolution of the first
generation of MESH OVERLAY
™ . The layout
refinements
introduced
greatly
improve
the
Ron*area figure of merit while keeping the device
at the leading edge for what concerns switching
speed, gate charge and ruggedness.
APPLICATIONS
s
HIGH CURRENT, HIGH SPEED SWITCHING
s
SWITH MODE POWER SUPPLIES (SMPS)
s
DC-AC CONVERTERS FOR WELDING
EQUIPMENT AND UNINTERRUPTIBLE
POWER SUPPLIES AND MOTOR DRIVER
®
INTERNAL SCHEMATIC DIAGRAM
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Un it
VDS
Drain-source Voltage (VGS =0)
500
V
VDGR
Drain- gate Volt age (RGS =20 k
Ω)
500
V
VGS
G ate-source Voltage
± 30
V
ID
Drain Current (continuous) at Tc =25
oC3.2
A
ID
Drain Current (continuous) at Tc =100
oC2
A
IDM (
•)
Drain Current (pulsed)
12.8
A
Ptot
T otal Dissipation at Tc =25
oC60
W
Derating Factor
0.48
W /
o C
dv/dt (1)
Peak Diode Recovery volt age slope
4
V/ns
Tstg
Storage Temperat ure
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
(
•) Pulse width limited by safe operating area
( 1)ISD
≤3 A, di/dt ≤ 100 A/µs, VDD ≤ V(BR)DSS,Tj ≤ TJMAX
TYPE
VDSS
RDS(on)
ID
ST D3NC50
500 V
< 2.7
Ω
3A
1
3
DPAK
TO-252
(Suffix ”T4”)
January 2000
3
2
1
IPAK
TO-251
(Suffix ”-1”)
1/7


Similar Part No. - STD3NC50

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
STD3NC50 VBSEMI-STD3NC50 Datasheet
1Mb / 9P
Power MOSFET
STD3NC50-1 VBSEMI-STD3NC50-1 Datasheet
1Mb / 9P
N-Channel 650V (D-S)Power MOSFET
STD3NC50T4 VBSEMI-STD3NC50T4 Datasheet
1Mb / 9P
Power MOSFET
More results

Similar Description - STD3NC50

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SWI2N60 SEMIPOWER-SWI2N60 Datasheet
724Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI4N65 SEMIPOWER-SWI4N65 Datasheet
753Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SWI50N06A SEMIPOWER-SWI50N06A Datasheet
494Kb / 7P
N-channel MOSFET (TO-251 , TO-252)
SW13N65K2 SEMIPOWER-SW13N65K2 Datasheet
722Kb / 7P
N-channel Enhanced mode TO-220F/TO-251/TO-252 MOSFET
SW051R08ES-1 SEMIPOWER-SW051R08ES-1 Datasheet
654Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
SW2N60DC SEMIPOWER-SW2N60DC Datasheet
598Kb / 6P
N-channel Enhanced mode TO-252/TO-251 MOSFET
SW4N70D SEMIPOWER-SW4N70D Datasheet
1Mb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220F MOSFET
SW8N65DB SEMIPOWER-SW8N65DB Datasheet
950Kb / 6P
N-channel Enhanced mode TO-251/TO-252 /TO-220F MOSFET
SW70N10V SEMIPOWER-SW70N10V Datasheet
1,000Kb / 7P
N-channel Enhanced mode TO-251/TO-252/TO-220 MOSFET
SW80N04V SEMIPOWER-SW80N04V Datasheet
804Kb / 6P
N-channel Enhanced mode TO-251/TO-252 MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com