Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5624 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5624
Description  3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5624 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5624 Datasheet HTML 1Page - Solid States Devices, Inc SPD5624 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00019B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5624 - SPD5628
and
SPD5624SMS - SPD5628SMS
Electrical Characteristics
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 3 Adc, TA = 25ºC, 300 µs pulse)
VF
1.0
Vdc
Instantaneous Forward Voltage Drop
(IF = 3 Adc, TA = -55ºC, 300 µs pulse)
VF
1.2
Vdc
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300 µs pulse minimum)
IR
2
μA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300 µs pulse minimum)
IR
200
µA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
40
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A, TA = 25ºC)
trr
5
µsec
Case Outline: (Axial)
B
ØC
ØA
D
D
DIMENSIONS
DIM
MIN
MAX
A
---
.200”
B
---
.230”
C
.047”
.053”
D
1.00”
---
Case Outline: (SMS)
C
B
A
A
D
DIMENSIONS
DIM
MIN
MAX
A
.172”
.180”
B
.180”
.280”
C
.022”
.028”
D
.002”
---



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com