Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5624 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5624
Description  3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5624 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5624 Datasheet HTML 1Page - Solid States Devices, Inc SPD5624 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00019B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SPD56__ __ __
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
⏐
⏐
⏐
L
Package
__ = Axial Leaded
SMS = Surface Mount Square Tab
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L
Voltage
24 = 200 V
25 = 400 V
26 = 600 V
27 = 800 V
28 = 1000 V
SPD5624 - SPD5628
and
SPD5624SMS - SPD5628SMS
3 AMP
200-1000 Volts
5
μsec
STANDARD RECOVERY RECTIFIER
Features:
• Fast Recovery: 5 μsec Max.
• PIV to 1000 Volts
• Low Reverse Leakage Current
• Hermetically Sealed
• Single Chip Construction
• High Surge Rating
• Low Thermal Resistance
• Available in Axial Leaded and Surface Mount Versions
• Available in Fast, Ultra Fast, and Hyper Fast Versions –
Contact Factory
• Replacement for 1N5624-1N5628 and 1N5624US-
1N5628US
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SPD5624 & SPD5624SMS
SPD5625& SPD5625SMS
SPD5626 & SPD5626SMS
SPD5627 & SPD5627SMS
SPD5628 & SPD5628SMS
VRRM
VRWM
VR
200
400
600
800
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
3
Amps
Repetitive Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
125
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +175
ºC
Maximum Thermal Resistance
Junction to Leads, L = 3/8 "
RθJL
25
ºC/W
Notes:
1/ For Ordering Information, Price, Operating Curves,
and Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening
Flows Available on Request.
Axial Leaded
SMS (Square)


Similar Part No. - SPD5624

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5620 SSDI-SPD5620 Datasheet
112Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5620 SSDI-SPD5620 Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
SPD5620 SSDI-SPD5620 Datasheet
583Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD5620S SSDI-SPD5620S Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
SPD5620SM SSDI-SPD5620SM Datasheet
167Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
More results

Similar Description - SPD5624

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR10A SSDI-SDR10A Datasheet
202Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SPD5614 SSDI-SPD5614 Datasheet
112Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SRM5 SSDI-SRM5 Datasheet
25Kb / 2P
20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557 Datasheet
36Kb / 2P
6 AMPS 1300 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12 Datasheet
33Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SPD5614 SSDI-SPD5614_1 Datasheet
1Mb / 2P
1 AMP 200 - 1000 VOLTS STANDARD RECOVERY STANDARD RECOVERY
SRM5SMS SSDI-SRM5SMS Datasheet
56Kb / 2P
20 AMP 500 -1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12_1 Datasheet
157Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com