Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR6RA Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR6RA
Description  6A 5 usec 1400 to 1800V Standard Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR6RA Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR6RA Datasheet HTML 1Page - Solid States Devices, Inc SDR6RA Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SDR6 * __ __ __
Screening2/
│
│
│
│
│
│
│
│
│
│
└
__ * = Not Screened
S = S Level
TX = TX Level
TXV = TXV
Package
│
│
│
│
│
└
__ *= Axial w/ .050" lead diameter
A = Axial w/ .040" lead diameter
SMS = Surface Mount Square Tab
└ Voltage R = 1400 V
T = 1600 V
W = 1800 V
SDR6W series
6A 5
μsec
1400 to 1800 V
Standard Recovery Rectifier
Features:
• Standard Recovery: 5 usec Maximum
• High Surge Rating: 75 Amps @ 8.3 mS
and 500A @ 100
μS
• Low Reverse Leakage Current: 5 μA
• Low Junction Capacitance: 40 pF
• Low Thermal Resistance: 8 - 12 ºC/W
• Single Chip Construction
• Available in Fast and Ultra Fast Speeds.
Consult Factory.
• TX, TXV, and S Level Screening2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse Voltage
SDR6R
SDR6T
SDR6W
VRRM
1400
1600
1800
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave)
TL @ 1/8" = 25 °C max
TTAB = 55 °C max
Io
6
Amps
Peak Surge Current 3/
(8.3 ms Pulse, Half Sine Wave)
TL @ 1/8" = 25 °C max
TTAB = 55 °C max
IFSM
75
Amps
Operating & Storage Temperature
TOP & TSTG
-65 to +175
ºC
Maximum Total Thermal Resistance
Axial @ 1/8 "
SMS
RθJL
12
8
ºC/W
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact
Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flow Available on Request.
3/ Surge rated at 500A maximum, pulse width = 100
μsec.
Axial
Surface Mount
Square Tab (SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0094B
DOC


Similar Part No. - SDR6RA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR6RAS SSDI-SDR6RAS Datasheet
158Kb / 2P
6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
SDR6RATX SSDI-SDR6RATX Datasheet
158Kb / 2P
6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
SDR6RATXV SSDI-SDR6RATXV Datasheet
158Kb / 2P
6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
More results

Similar Description - SDR6RA

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR10A SSDI-SDR10A Datasheet
202Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDA312A SSDI-SDA312A Datasheet
52Kb / 2P
10 AMPS 5 usec STANDARD RECOVERY 3 PHASE BRIDGE ASSY
SRM5 SSDI-SRM5 Datasheet
25Kb / 2P
20 AMP 500 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SPD6557 SSDI-SPD6557 Datasheet
36Kb / 2P
6 AMPS 1300 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12 Datasheet
33Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR6W SSDI-SDR6W Datasheet
158Kb / 2P
6A 5 關sec 1400 to 1800 V Standard Recovery Rectifier
SPD5624 SSDI-SPD5624 Datasheet
44Kb / 2P
3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
SRM5SMS SSDI-SRM5SMS Datasheet
56Kb / 2P
20 AMP 500 -1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12_1 Datasheet
157Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com