Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD6642 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD6642
Description  300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD6642 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD6642 Datasheet HTML 1Page - Solid States Devices, Inc SPD6642 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0004D
DOC
ELECTRICAL CHARACTERISTICS 3/
CHARACTERISTICS
SYMBOL VALUE
UNIT
Maximum Instantaneous Forward Voltage Drop
(Pulsed, TA = 25°C)
SPD6638 @ IF = 10mA
SPD6642 @ IF = 10mA
SPD6643 @ IF = 10mA
VF1
0.8
0.8
1.0
Vdc
SPD6638 @ IF = 200mA
SPD6642 @ IF = 100mA
SPD6643 @ IF = 100mA
VF2
1.1
1.2
1.2
Vdc
Maximum Instantaneous Forward Voltage Drop
(Pulsed)
IF = 100mA, TA = -55°C
VF3
1.3
Vdc
Minimum Breakdown Voltage
Ir = 100 μA
SPD6638
SPD6642
SPD6643
BVR
125
100
75
Vdc
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 25°C)
SPD6638 @ VR = 20V
SPD6642 @ VR = 20V
SPD6643 @ VR = 20V
IR1
35
25
50
nA
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 25°C)
SPD6638 @ VR = 100V
SPD6642 @ VR = 75V
SPD6643 @ VR = 50V
IR2
500
500
500
nA
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 150°C)
SPD6638 @ VR = 20V
SPD6642 @ VR = 20V
SPD6643 @ VR = 20V
IR3
50
50
75
μA
Maximum Reverse Leakage Current
(300 μs Pulse Minimum , TA = 150°C)
SPD6638 @ VR = 100V
SPD6642 @ VR = 75V
SPD6643 @ VR = 50V
IR4
100
100
160
μA
Maximum Junction Capacitance
(TA = 25°C , f = 1MHz) VR = 0V
SPD6638
SPD6642
SPD6643
CJ1
2.5
5.0
5.0
pf
Maximum Junction Capacitance
(TA = 25°C , f = 1MHz) VR = 1.5V
SPD6638
SPD6642
SPD6643
CJ2
2.0
2.8
2.8
pf
Maximum Reverse Recovery Time
(IF = IR = 10 mA, IRR = 1 mA)
SPD6638
SPD6642
SPD6643
trr
4.5
5.0
6.0
nsec
DIMENSIONS
DIMENSIONS
DIM.
MIN.
MAX.
DIM.
MIN.
MAX.
A
.056”
.080”
A
.070”
.085”
B
.130”
.180”
B
.180”
.210”
C
1.00”
1.50”
C
.022”
.028”
AXIAL
D
.018”
.022”
SMS
D
.001”
---
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD6638, SPD6642, SPD6643
SERIES



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com