Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD6642 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD6642
Description  300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD6642 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD6642 Datasheet HTML 1Page - Solid States Devices, Inc SPD6642 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0004D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD____ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└ Device Type ( VRWM )
6638 = 125 V
6642 = 75 V
6643 = 50 V
SPD6638, SPD6642, SPD6643
SERIES
300 mA
50 - 125 VOLTS
4.5 - 6.0 nsec HYPER FAST RECOVERY
RECTIFIER
FEATURES:
•
Hyper Fast Reverse Recovery Time 4.5 - 6 ns
Max
•
Hermetically Sealed
•
Planar Passivated Chip
•
For High Efficiency Applications
•
Available in Axial & Subminiature Square
Tab Versions
•
TX, TXV, and S-Level Screening Available
2/
• Replacement for 1N6638, 1N6642, 1N6643
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
DC Blocking Voltage
SPD6638
SPD6642
SPD6643
VRWM
VR
125
75
50
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TC = 25°C)
IO
300
mAmps
Peak Surge Current
(8.3 msec Pulse, Half Sine Wave Superimposed on Io, allow junction to reach
equilibrium between pulses, TC = 25°C)
IFSM
2.5
Amps
Operating & Storage Temperature
TOP and TSTG
-65 to +175
°C
Thermal Resistance
SMS- Junction to End Tab
Axial- Junction to Lead @ .375”
RθJE
RθJL
65
220
°C/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on
Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
Axial Leaded
SMS


Similar Part No. - SPD6642

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD6642SM SSDI-SPD6642SM Datasheet
49Kb / 2P
300 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SPD6642SMS SSDI-SPD6642SMS Datasheet
49Kb / 2P
300 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
More results

Similar Description - SPD6642

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SPD48SM SSDI-SPD48SM Datasheet
179Kb / 2P
200 mAMP 50 - 125 VOLTS 5 nsec HYPER FAST RECTIFIER
SPD805SMS SSDI-SPD805SMS Datasheet
410Kb / 2P
8 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR4405 SSDI-SDR4405 Datasheet
423Kb / 2P
10 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-3 SSDI-SDR953-3 Datasheet
48Kb / 2P
50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
SPD805SMS SSDI-SPD805SMS_1 Datasheet
187Kb / 2P
8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
logo
Solid State Optronic
SDR6638 SSOUSA-SDR6638 Datasheet
118Kb / 2P
300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com