Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD810SMS Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD810SMS
Description  8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD810SMS Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD810SMS Datasheet HTML 1Page - Solid States Devices, Inc SPD810SMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD805SMS
thru
SPD830SMS
ELECTRICAL CHARACTERISTICS
Symbol
Max
Unit
Instantaneous Forward Voltage Drop
(IF = 8 Adc, TA = 25
oC, 300Μs pulse)
VF1
1.00
Vdc
Instantaneous Forward Voltage Drop
(IF = 8 Adc, TA = -55
oC, 300Μs pulse)
VF2
1.10
Vdc
Reverse Leakage Current
(At Rated VR, 300Μs pulse minimum)
TA = 25
oC
TA = 100
oC
IR1
IR2
20
1
μA
mA
Reverse Recovery Time
(IF = 500 mA, IR = 1 A, IRR = 250 mA, TA = 25
oC)
trr
40
ns
Junction Capacitance
(VR = 10 VDC, TA = 25
oC, f = 1 MHz)
CJ
100
pF
Case Outline: (SMS)
DIM
MIN
MAX
A
0.172”
0.180”
B
0.220”
0.290”
C
0.020”
0.035”
D
0.002”
––
Note: Dimensions prior to soldering.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0093C
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com