Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD810SMS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD810SMS
Description  8AMP 50-300 VOLTS 40 nsec Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD810SMS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD810SMS Datasheet HTML 1Page - Solid States Devices, Inc SPD810SMS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└
Voltage/Family
805 = 50V
810 = 100 V
820 = 200 V
830 = 300 V
SPD805SMS
thru
SPD830SMS
8 AMP
50-300 VOLTS
40 nsec
Hyper Fast Rectifier
FEATURES:
•
Hyper Fast Recovery: 40 nsec maximum
•
PIV to 300 Volts
•
Hermetically Sealed
•
Void Free Construction
•
For High Efficiency Applications
•
Low Forward Voltage Drop
•
Square Tab Surface Mount Package
•
Replaces 1N5811 types
•
TX, TXV, and Space Level Screening Available
2/
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD805SMS
SPD810SMS
SPD820SMS
SPD830SMS
VRRM
VRWM
VR
50
100
200
300
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA = 25°C)
IO
8
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on IO, allow junction to reach
equilibrium between pulses, TA =25
oC)
IFSM
125
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to End Tab
RθJE
12
oC/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
Square Tab Surface Mount (SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0093C
DOC


Similar Part No. - SPD810SMS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD810SMS SSDI-SPD810SMS Datasheet
410Kb / 2P
8 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
More results

Similar Description - SPD810SMS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SFA30PJE ETC1-SFA30PJE Datasheet
342Kb / 2P
6 AMP 100-300 VOLTS 40 nsec HYPER FAST POSITIVE CENTERTAP RECTIFIER
logo
Solid States Devices, I...
SPD6642SM SSDI-SPD6642SM Datasheet
49Kb / 2P
300 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SDR953 SSDI-SDR953 Datasheet
216Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-61 SSDI-SDR953-61 Datasheet
215Kb / 2P
50 AMP 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR9103CTN SSDI-SDR9103CTN Datasheet
171Kb / 2P
100 AMP, 300 - 500 VOLTS 40 nsec HYPER FAST CENTERTAP RECTIFIER
SPD805SMS SSDI-SPD805SMS Datasheet
410Kb / 2P
8 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR4405 SSDI-SDR4405 Datasheet
423Kb / 2P
10 AMPS 50 - 300 VOLTS 40 nsec HYPER FAST RECTIFIER
SHF1100SM SSDI-SHF1100SM Datasheet
199Kb / 2P
1 AMP 50 - 300 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR953-3 SSDI-SDR953-3 Datasheet
48Kb / 2P
50 AMPS 300 - 500 VOLTS 35 nsec HYPER FAST RECTIFIER
SDR5807CT SSDI-SDR5807CT Datasheet
318Kb / 2P
12 AMPS 50 - 300 VOLTS 35 nsec HYPER FAST CENTERTAP RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com