Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169ASTZF16 Datasheet(PDF) 74 Page - Analog Devices

Part # ADE7169ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTZF16 Datasheet(HTML) 74 Page - Analog Devices

Back Button ADE7169ASTZF16 Datasheet HTML 70Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 71Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 72Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 73Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 74Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 75Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 76Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 77Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 74 of 148
Table 55. Program Control SFR (PCON, 0x87)
Bit Location
Default
Description
7
0
Double baud rate control
6-0
0
Reserved, should be left cleared
Table 56. Data Pointer Low SFR (DPL, 0x82)
Bits
Default
Description
7-0
0
Contain the low byte of the data pointer
Table 57. Data Pointer High SFR (DPH, 0x83)
Bits
Default
Description
7-0
0
Contain the high byte of the data pointer
Table 58. Stack Pointer SFR (SP, 0x81)
Bits
Default
Description
7-0
7
Contain the 8 LSB of the pointer for the stack
Table 59. Configuration SFR (CFG, 0xAF)
Bit
Location
Bit Mnemonic
Description
7
Reserved.. This bit should be left set for proper operation.
Enhanced UART enable bit
0
Standard 8052 UART without enhanced error checking features
6
EXTEN
1
Enhanced UART with enhanced error checking—see the UART additional features
section.
Synchronous communication selection bit
0
I2C port is selected for control of the shared I2C/SPI pins and SFRs
5
SCPS
1
SPI port is selected for control of the shared I2C/SPI pins and SFRs
38kHz modulation enable bit
0
38kHz modulation is disabled.
4
MOD38EN
1
38kHz modulation is enabled on the pins selected by the MOD38[7:0] bits in the
EP_CFG SFR.
3-2
Reserved
XREN[1] OR
XREN[0] =1
Enable MOVX instruction to use 256 bytes of Extended RAM.
1-0
XREN[1:0]
XREN[1] AND
XREN[0] =0
Disable MOVX instruction
BASIC 8052 REGISTERS
Program Counter (PC):
The Program Counter holds the two
byte address of the next instruction to be fetched. The PC is
initialized with 0x00 at Reset and is incremented after each
instruction is performed. Note that the amount that is added to
the PC depends on the number of bytes in the instruction, so
the increment can range from one to three bytes. The program
counter is not directly accessible to the user but can be directly
modified by CALL and JMP instructions that change which
part of the program is active.
Instruction Register (IR):
The Instruction Register holds the
opcode of the instruction being executed. The opcode is the
binary code that results from assembling an instruction. This
register is not directly accessible to the user.
Register Banks:
There are four banks containing 8 byte-wide
registers each, for a total of 32 bytes of registers. These registers
are convenient for temporary storage of mathematical operands.
An instruction involving the accumulator and a register can be
executed in 1 clock cycle as opposed to 2 clock cycles to
perform an instruction involving the accumulator and a literal
or a byte of general purpose RAM. The register banks are
located in the first 32 bytes of RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com