Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169ASTZF16 Datasheet(PDF) 18 Page - Analog Devices

Part # ADE7169ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTZF16 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADE7169ASTZF16 Datasheet HTML 14Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 15Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 16Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 17Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 18Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 19Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 20Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 21Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 18 of 148
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 9. Absolute Maximum Rating
Parameter
Rating
VDD to DGND
–0.3 V to +3.7 V
VBAT to DGND
–0.3 V to +3.7 V
VDCIN to DGND
–0.3 V to VSWOUT + 0.3 V
Input LCD voltage to AGND
LCDVA, LCDVB, LCDVC2
–0.3 V to VSWOUT + 0.3 V
Analog Input Voltage to AGND
VP, VN, IAP, IBPN and IN
–2 V to +2 V
Digital Input Voltage to DGND
–0.3 V to VSWOUT + 0.3 V
Digital Output Voltage to DGND
–0.3 V to VSWOUT + 0.3 V
Operating Temperature Range
Industrial
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
TBD°C
64-Lead LQFP, Power Dissipation
TBD
θJA Thermal Impedance
TBD°C/W
Lead Temperature, Soldering
Vapor Phase (TBD sec)
TBD°C
Infrared (TBD sec)
TBD°C
64-Lead CSP, Power Dissipation
TBD
θJA Thermal Impedance
TBD°C/W
Lead Temperature, Soldering
Vapor Phase (TBD sec)
TBD°C
Infrared (TBD sec)
TBD°C
2 When used with external resistor divider
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or
any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com