Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7169ASTZF16 Datasheet(PDF) 112 Page - Analog Devices

Part # ADE7169ASTZF16
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC and LCD driver
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7169ASTZF16 Datasheet(HTML) 112 Page - Analog Devices

Back Button ADE7169ASTZF16 Datasheet HTML 108Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 109Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 110Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 111Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 112Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 113Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 114Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 115Page - Analog Devices ADE7169ASTZF16 Datasheet HTML 116Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 148 page
background image
ADE75xx/ADE71xx
Preliminary Technical Data
Rev. PrE | Page 112 of 148
Table 104. Timer 2 High byte SFR (TH2, 0xCD)
Bit Location
Bit Mnemonic
Default
Value
Description
7-0
TH2
0
Timer 2 Data high byte
Table 105. Timer 2 Low byte SFR (TL2, 0xCC)
Bit Location
Bit Mnemonic
Default
Value
Description
7-0
TL2
0
Timer 2 Data high byte
Table 106. Timer 2 Reload/capture High byte SFR (RACP2H, 0xCB)
Bit Location
Bit Mnemonic
Default
Value
Description
7-0
TH2
0
Timer 2 Reload/capture high byte
Table 107. Timer 2 Reload/capture Low byte SFR (RACP2L, 0xCA)
Bit Location
Bit Mnemonic
Default
Value
Description
7-0
TL2
0
Timer 2 Reload/capture low byte
TIMER 0 AND TIMER 1
Timer/Counter 0 and 1 Data Registers
Each timer consists of two 8-bit registers: Timer 0 High byte
SFR (TH0, 0x8C), Timer 0 Low byte SFR (TL0, 0x8A), Timer 1
High byte SFR (TH1, 0x8D) and Timer 1 Low byte SFR (TL1,
0x8B) These can be used as independent registers or combined
into a single 16-bit register, depending on the timers’ mode
configuration – see Table 100 to Table 103.
Timer/Counter 0 and 1 Operating Modes
This section describes the operating modes for Timer/Counters
0 and 1. Unless otherwise noted, these modes of operation are
the same for both Timer 0 and Timer 1.
Mode 0 (13-Bit Timer/Counter)
Mode 0 configures an 8-bit timer/counter. Figure 69 shows
Mode 0 operation. Note that the divide-by-12 prescaler is not
present on the single-cycle core.
FCORE
CONTROL
P0.6/T0
GATE
INT0
TR0
TF0
TL0
(5 BITS)
TH0
(8 BITS)
INTERRUPT
C/ T = 0
C/ T = 1
Figure 69. Timer/Counter 0, Mode 0
In this mode, the timer register is configured as a 13-bit register.
As the count rolls over from all 1s to all 0s, it sets the timer
overflow flag, TF0. TF0 can then be used to request an interrupt.
The counted input is enabled to the timer when TR0 = 1 and
either Gate = 0 or INT0 = 1. Setting Gate = 1 allows the timer to
be controlled by external input INT0 to facilitate pulse-width
measurements. TR0 is a control bit in the Timer/Counter 0 and
1 Control SFR (TCON, 0x88); the Gate bit is in Timer/Counter
0 and 1 Mode SFR (TMOD, 0x89). The 13-bit register consists
of all 8 bits of Timer 0 High byte SFR (TH0, 0x8C) and the
lower 5 bits of Timer 0 Low byte SFR (TL0, 0x8A). The upper 3
bits of Timer 0 Low byte SFR (TL0, 0x8A) are indeterminate
and should be ignored. Setting the run flag (TR0) does not clear
the registers.
Mode 1 (16-Bit Timer/Counter)
Mode 1 is the same as Mode 0 except that the Mode 1 timer
register runs with all 16 bits. Mode 1 is shown in Figure 70.
CONTROL
P0.6/T0
GATE
TR0
TF0
TL0
(8 BITS)
TH0
(8 BITS)
INTERRUPT
0
INT
C/ T = 0
C/ T = 1
FCORE
Figure 70. Timer/Counter 0, Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com