Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430 Datasheet(PDF) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 212 page
background image
CC2430
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 21 of 211
7.14
Port Outputs AC Characteristics
TA= 25°C, VDD=3.0V if nothing else stated.
Table 18: Port Outputs AC Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
P0_[0:7], P1_[2:7],
P2_[0:4] Port output
rise time
(SC=0/SC=1)
3.15/
1.34
ns
Load = 10 pF
Timing is with respect to 10% VDD and 90% VDD levels.
Values are estimated
fall time
(SC=0/SC=1)
3.2/
1.44
Load = 10 pF
Timing is with respect to 90% VDD and 10% VDD.
Values are estimated
7.15
Timer Inputs AC Characteristics
TA= -40°C to 85°C, VDD=2.0V to 3.6V if nothing else stated.
Table 19: Timer Inputs AC Characteristics
Parameter
Min
Typ
Max
Unit
Condition/Note
Input capture
pulse width
tSYSCLK
ns
Synchronizers determine the shortest input pulse that
can be recognized. The synchronizers operate at the
current system clock rate (16 or 32 MHz)
7.16
DC Characteristics
The DC Characteristics of
CC2430 are listed in Table 20 below.
TA=25°C, VDD=3.0V if nothing else stated.
Table 20: DC Characteristics
Digital Inputs/Outputs
Min
Typ
Max
Unit
Condition
Logic "0" input voltage
0.5
V
Logic "1" input voltage
VDD-0.5
V
Logic "0" input current
NA
–1
µA
Input equals 0V
Logic "1" input current
NA
1
µA
Input equals VDD
I/O pin pull-up and pull-down
resistor
20
kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com