Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2430 Datasheet(PDF) 39 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC2430
Description  A True System-on-Chip solution for 2.4 GHz IEEE 802.15.4 / ZigBee
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC2430 Datasheet(HTML) 39 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC2430 Datasheet HTML 35Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 36Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 37Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 38Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 39Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 40Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 41Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 42Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC2430 Datasheet HTML 43Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 212 page
background image
CC2430
8051 CPU : Memory
CC2430 Data Sheet (rev. 2.1) SWRS036F
Page 39 of 211
XDATA
Address
Register name
Description
0xDF16
CSPT
CSP T Data
0xDF17
RFPWR
RF Power Control
0xDF20
FSMTCH
Finite State Machine Time Constants, high
0xDF21
FSMTCL
Finite State Machine Time Constants, low
0xDF22
MANANDH
Manual AND Override, high
0xDF23
MANANDL
Manual AND Override, low
0xDF24
MANORH
Manual OR Override, high
0xDF25
MANORL
Manual OR Override, low
0xDF26
AGCCTRLH
AGC Control, high
0xDF27
AGCCTRLL
AGC Control, low
0xDF28-
0xDF38
-
Reserved
0xDF39
FSMSTATE
Finite State Machine State Status
0xDF3A
ADCTSTH
ADC Test, high
0xDF3B
ADCTSTL
ADC Test, low
0xDF3C
DACTSTH
DAC Test, high
0xDF3D
DACTSTL
DAC Test, low
0xDF3E-
0xDF41
-
Reserved
0xDF43
IEEE_ADDR0
IEEE Address 0 (LSB)
0xDF44
IEEE_ADDR1
IEEE Address 1
0xDF45
IEEE_ADDR2
IEEE Address 2
0xDF46
IEEE_ADDR3
IEEE Address 3
0xDF47
IEEE_ADDR4
IEEE Address 4
0xDF48
IEEE_ADDR5
IEEE Address 5
0xDF49
IEEE_ADDR6
IEEE Address 6
0xDF4A
IEEE_ADDR7
IEEE Address 7 (MSB)
0xDF4B
PANIDH
PAN Identifier, high
0xDF4C
PANIDL
PAN Identifier, low
0xDF4D
SHORTADDRH
Short Address, high
0xDF4E
SHORTADDRL
Short Address, low
0xDF4F
IOCFG0
I/O Configuration 0
0xDF50
IOCFG1
I/O Configuration 1
0xDF51
IOCFG2
I/O Configuration 2
0xDF52
IOCFG3
I/O Configuration 3
0xDF53
RXFIFOCNT
RX FIFO Count



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com