Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110FX Datasheet(PDF) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC1110FX
Description  Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC1110FX Datasheet(HTML) 21 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC1110FX Datasheet HTML 17Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 18Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 19Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 20Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 21Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 22Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 23Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 24Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 25Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 240 page
background image
CC1110Fx / CC1111Fx
SWRS033E
Page 21 of 239
7.5
32.768 kHz Crystal Oscillator
TA = 25 °C, VDD = 3.0V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Crystal frequency
32.768
kHz
Crystal shunt
capacitance
0.9
2.0
pF
Simulated over operating conditions
Load capacitance
12
16
pF
Simulated over operating conditions
ESR
40
130
k
Ω
Simulated over operating conditions
Start-up time
400
ms
Value is simulated
Table 13: 32.768 kHz Crystal Oscillator Parameters
7.6
Low Power RC Oscillator
TA = 25 °C, VDD = 3.0 V if nothing else is stated.
Parameter
Min
Typ
Max
Unit
Condition/Note
Calibrated frequency
2
32.0
34.7
36.0
kHz
Calibrated low power RC oscillator frequency is
fXOSC / 750
Frequency accuracy after
calibration
±1
%
Temperature coefficient
+0.5
%/
°C
Frequency drift when temperature changes after
calibration
Supply voltage coefficient
+3
%/V
Frequency drift when supply voltage changes after
calibration
Initial calibration time
2
ms
When the low power RC oscillator is enabled,
calibration is continuously done in the background
as long as the high speed crystal oscillator is
running.
Table 14: Low Power RC Oscillator Parameters
2 Min figures are given using f
XOSC = 24 MHz. Typical figures are given using fXOSC = 26 MHz, and Max
figures are given using fXOSC = 27 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com