Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1110FX Datasheet(PDF) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Part # CC1110FX
Description  Low-power sub-1 GHz RF System-on-Chip (SoC) with MCU, memory, transceiver, and USB controller
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOS [TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS]
Direct Link  http://www.taosinc.com
Logo TAOS - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

CC1110FX Datasheet(HTML) 9 Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS

Back Button CC1110FX Datasheet HTML 5Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 6Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 7Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 8Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 9Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 10Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 11Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 12Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS CC1110FX Datasheet HTML 13Page - TEXAS ADVANCED OPTOELECTRONIC SOLUTIONS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 240 page
background image
CC1110Fx / CC1111Fx
SWRS033E
Page 9 of 239
6
General Characteristics
TA = 25 °C, VDD = 3.0 V if nothing else stated
Parameter
Min
Typ
Max
Unit
Condition/Note
Radio part
300
348
MHz
391
464
MHz
Frequency range
782
928
MHz
1.2
500
kBaud
2-FSK (500 kBaud only characterized @ 915
MHz on
CC1110Fx)
1.2
250
kBaud
GFSK, OOK, and ASK
Data rate
26
500
kBaud
Shaped) MSK (also known as differential
offset QPSK) – 500 kBaud only
characterized @ 915 MHz
Optional Manchester encoding (the data rate
in kbps will be half the baud rate)
Wake-Up Timing
PM1
Active Mode
4
µs
Digital regulator on. HS RCOSC and high
speed crystal oscillator off. 32.768 kHz
XOSC or low power RCOSC running.
SLEEP.OSC_PD=1 and CLKCON.OSC=1
PM2
Active Mode
100
µs
Digital regulator off. HS RCOSC and high
speed crystal oscillator off. 32.768 kHz
XOSC or low power RCOSC running
SLEEP.OSC_PD=1 and CLKCON.OSC=1
PM3
Active Mode
100
µs
Digital regulator off. No crystal oscillators or
RC oscillators are running.
SLEEP.OSC_PD=1 and CLKCON.OSC=1
Table 5: General Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com