Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT91SAM7A2-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 9Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 10Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 11Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 12Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 13Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 14Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 15Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 16Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
PRELIMINARY
AT91SAM7A2 - Summary
6021BS–ATARM–06-Jul-04
Table 4. Package Dimensions (mm)
Symbol
Min
Nom
Max
c
0.09
0.20
c1
0.09
0.16
L
0.45
0.6
0.75
L1
1.00 REF
R2
0.08
0.2
R1
0.08
S0.2
q0
°
3.5
°
7
°
θ10°
θ211°
12
°
13
°
θ311°
12
°
13
°
A
1.6
A1
0.05
0.15
A2
1.35
1.4
1.45
Tolerances of Form and Position
aaa
0.2
bbb
0.2
Table 5. Lead Count Dimensions (mm)
Pin
Count
D/E
BSC
D1/E1
BSC
bb1
e
BSC
ccc
ddd
Min
Nom
Max
Min
Nom
Max
176
26.0
24.0
0.17
0.20
0.27
0.17
0.20
0.23
0.50
0.10
0.08
Table 6. Device and 176-lead LQFP Package Maximum Weight
1900
mg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com