Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7A2-AI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SAM7A2-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7A2-AI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SAM7A2-AI Datasheet HTML 1Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 2Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 3Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7A2-AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
PRELIMINARY
AT91SAM7A2 - Summary
6021BS–ATARM–06-Jul-04
Block Diagram
Figure 1. Block Diagram
VDDIO
GND
NRESET
PWM0
ADD[19:1]
NOE/NRD
NWR0/NWE
NWR1/NUB
NCS[2:0]
D[15:0]
CAPT0
PWM1
PWM2
PWM3
PLLRC
CAPT1
ADD20/CS3
ADD0/NLB
SPI
USART0
TC0
EBI
JTAG
Select
MCKI
MCKO
RTCKI
CLK/UPIO
RTCKO
PIO
PIO
ST0
USART1
PIO
TC1
PIO
TC2
PIO
TC0
PIO
PWM
CH0
CH1
CH2
CH3
PIO
CORECLK
3V
3V
5V
5V
Analog
5V
3V
5V
CH0
CH1
ST1
CH0
CH1
5V
Capture 1
PDC Channel
PDC Channel
LFCLK
PIO[31:0]
Clock
Controller
with PLL
2 PDC
Channels
2 PDC
Channels
2 PDC
Channels
Advanced
Memory
Controller
Embedded
ICE
ARM7TDMI
Core
I/O Power
Supply
Core Power
Supply
Generic
Interrupt
Controller
Reset
10 Channel
PDC
Controller
Arbiter
ASB Controller
SFM
AMBATM Bridge
Internal SRAM
16 KB
Watch Dog
Simple Timers
UPIO
T1TIOA0/MPIO
T1TIOB0/MPIO
T1TCLK0/MPIO
T0TIOA2/MPIO
T0TIOB2/MPIO
T0TCLK2/MPIO
T0TIOA1/MPIO
T0TIOB1/MPIO
T0TCLK1/MPIO
T0TIOA0/MPIO
T0TIOB0/MPIO
T0TCLK0/MPIO
RXD1/MPIO
TXD1/MPIO
SCK1/MPIO
RXD0/MPIO
TXD0/MPIO
SCK0/MPIO
SPCK/MPIO
MISO/MPIO
MOSI/MPIO
NPCS0/MPIO
NPCS1/MPIO
NPCS2/MPIO
NPCS3/MPIO
Timer T0
Timer T1
Analog
Power
Suppy
1 PDC
Channel
1 PDC
Channel
ADC0
8-channel
10-bit ADC
ADC1
8-channel
10-bit ADC
CAN0
Full Speed
16 Buffers
CAN1
Full Speed
16 Buffers
CAN3
Full Speed
16 Buffers
CAN2
Full Speed
32 Buffers
Watch Timer
Capture 0
NWAIT/UPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com