Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5000 Datasheet(PDF) 13 Page - Dallas Semiconductor

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000 Datasheet(HTML) 13 Page - Dallas Semiconductor

Back Button DS5000 Datasheet HTML 9Page - Dallas Semiconductor DS5000 Datasheet HTML 10Page - Dallas Semiconductor DS5000 Datasheet HTML 11Page - Dallas Semiconductor DS5000 Datasheet HTML 12Page - Dallas Semiconductor DS5000 Datasheet HTML 13Page - Dallas Semiconductor DS5000 Datasheet HTML 14Page - Dallas Semiconductor DS5000 Datasheet HTML 15Page - Dallas Semiconductor DS5000 Datasheet HTML 16Page - Dallas Semiconductor DS5000 Datasheet HTML 17Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
DS5000(T)
021998 13/19
AC CHARACTERISTICS (cont’d)
EXTERNAL CLOCK DRIVE
(tA = 0°C to70°C; VCC = 5V + 5%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
28
External Clock High Time
@12 MHz
@16 MHz
tCLKHPW
20
15
ns
ns
29
External Clock Low Time
@12 MHz
@16 MHz
tCLKLPW
20
15
ns
ns
30
External Clock Rise Time
@12 MHz
@16 MHz
tCLKR
20
15
ns
ns
31
External Clock Fall Time
@12 MHz
@16 MHz
tCLKF
20
15
ns
ns
AC CHARACTERISTICS (cont’d)
SERIAL PORT TIMING – MODE 0
(tA = 0°C to70°C; VCC = 5V + 5%)
#
PARAMETER
SYMBOL
MIN
MAX
UNITS
35
Serial Port Cycle Time
tSPCLK
12tCLK
µs
36
Output Data Setup to Rising Clock Edge
tDOCH
10tCLK –133
ns
37
Output Data Hold after Rising Clock Edge
tCHDO
2tCLK –117
ns
38
Clock Rising Edge to Input Data Valid
tCHDV
10tCLK –133
ns
39
Input Data Hold after Rising Clock Edge
tCHDIV
0
ns
SERIAL PORT TIMING – MODE 0
INSTRUCTION
01
2
3
4
5
6
7
8
ALE
CLOCK
DATA OUT
INPUT DATA
01
2
3
4
5
6
7
35
37
36
39
38
SET TI
SET RI
VALID
VALID
VALID
VALID
VALID
VALID
VALID
CLEAR RI
WRITE TO
SBUF REGISTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com