Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS5000 Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS5000
Description  Soft Microcontroller Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS5000 Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS5000 Datasheet HTML 11Page - Dallas Semiconductor DS5000 Datasheet HTML 12Page - Dallas Semiconductor DS5000 Datasheet HTML 13Page - Dallas Semiconductor DS5000 Datasheet HTML 14Page - Dallas Semiconductor DS5000 Datasheet HTML 15Page - Dallas Semiconductor DS5000 Datasheet HTML 16Page - Dallas Semiconductor DS5000 Datasheet HTML 17Page - Dallas Semiconductor DS5000 Datasheet HTML 18Page - Dallas Semiconductor DS5000 Datasheet HTML 19Page - Dallas Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
DS5000(T)
021998 18/19
NOTES:
1. All voltages are referenced to ground.
2. Maximum operating ICC is measured with all output pins disconnected; XTAL1 driven with tCLKR, tCLKF=10 ns,
VIL = 0.5V; XTAL2 disconnected; EA = RST = PORT0 = VCC.
3. Idle mode ICC is measured with all output pins disconnected; XTAL1 driven with tCLKR, tCLKF = 10 ns, VIL = 0.5V;
XTAL2 disconnected; EA = PORT0 = VCC, RST = VSS.
4. Stop mode ICC is measured with all output pins disconnected; EA = PORT0 = VCC; XTAL2 not connected;
RST = VSS.
5. Crystal start–up time is the time required to get the mass of the crystal into vibrational motion from the time that
power is first applied to the circuit until the first clock pulse is produced by the on–chip oscillator. The user should
check with the crystal vendor for the worst case spec on this time.
PACKAGE DRAWING
DIM
MIN
MAX
INCHES
A IN.
B IN.
C IN.
D IN.
E IN.
F IN.
G IN.
H IN.
I IN.
2.080
2.100
0.680
0.700
0.290
0.325
0.090
0.110
0.030
0.060
0.145
0.185
0.016
0.020
0.590
0.610
0.009
0.015
1
A
1.900
D
C
G
E
F
B
I
H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com