Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STE2002
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 21Page - STMicroelectronics STE2002 Datasheet HTML 22Page - STMicroelectronics STE2002 Datasheet HTML 23Page - STMicroelectronics STE2002 Datasheet HTML 24Page - STMicroelectronics STE2002 Datasheet HTML 25Page - STMicroelectronics STE2002 Datasheet HTML 26Page - STMicroelectronics STE2002 Datasheet HTML 27Page - STMicroelectronics STE2002 Datasheet HTML 28Page - STMicroelectronics STE2002 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
25/51
STE2002
Table 1. STE2001-like instruction Set
Instruction
D/C
R/W
Description
B7
B6
B5
B4
B3
B2
B1
B0
H=0 or H=1
00
00
000
00
0
Read I2C Address
(with Serial Interface only)
Function Set
0
0
0
0
1
MX
MY
PD
V
H[0] Power Down Management; Entry
Mode;
Read Status Byte
0
1
PD
A1
A2
D
E
MX
MY
DO
(I2C interface only)
Write Data
1
0
D7
D6
D5
D4
D3
D2
D1
D0
Writes data to RAM
H=0
Memory Blank
0
0
0
0
0
0
0
0
0
1
Starts Memory Blank Procedure
Scroll
0
0
0
0
0
0
0
0
1
DIR
Scrolls by one Row UP or DOWN
VLCD Range Setting
00
00
000
10
PRS
[0]
VLDC programming range selection
Display Control
0
0
0
0
0
0
1
D
0
E
Select Display Configuration
Set CP Factor
0
0
0
0
0
1
0
S2
S1
S0
Charge Pump Multiplication
factor
Set RAM Y
0
0
0
1
0
0
Y3
Y2
Y1
Y0
Set Horizontal (Y) RAM Address
Set RAM X
0
0
1
X6
X5
X4
X3
X2
X1
X0
Set Vertical (X) RAM Address
H=1
Checker Board
0
0
0
0
0
0
0
0
0
1
Starts Checker Board Procedure
Multiplex Select
0
0
0
0
0
0
0
0
1
MUX
Selects MUX factor
TC Select
0
0
0
0
0
0
0
1
TC1 TC0 Set Temperature Coefficient for VLDC
Output Address
0
0
0
0
0
0
1
DO
A1
A2
No function
Bias Ratios
0
0
0
0
0
1
0
BS2 BS1 BS0
Set desired Bias Ratios
Reserved
0
0
0
1
X
X
X
X
X
X
Not to be used
Set VOP
00
1
OP6 OP5
OP4
OP3
OP2
OP1
OP0
VOP register Write instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com