Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STE2002 Datasheet(PDF) 38 Page - STMicroelectronics

Part # STE2002
Description  81 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2002 Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STE2002 Datasheet HTML 34Page - STMicroelectronics STE2002 Datasheet HTML 35Page - STMicroelectronics STE2002 Datasheet HTML 36Page - STMicroelectronics STE2002 Datasheet HTML 37Page - STMicroelectronics STE2002 Datasheet HTML 38Page - STMicroelectronics STE2002 Datasheet HTML 39Page - STMicroelectronics STE2002 Datasheet HTML 40Page - STMicroelectronics STE2002 Datasheet HTML 41Page - STMicroelectronics STE2002 Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 51 page
background image
STE2002
38/51
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VDD1
Supply Voltage Range
- 0.5 to + 5
V
VDD2
Supply Voltage Range
- 0.5 to + 7
V
VLCD
LCD Supply Voltage Range
- 0.5 to + 12
V
ISS
Supply Current
- 50 to +50
mA
Vi
Input Voltage (all input pads)
-0.5 to VDD2 + 0.5
V
Iin
DC Input Current
- 10 to + 10
mA
Iout
DC Output Current
- 10 to + 10
mA
Ptot
Total Power Dissipation (Tj = 85°C)
300
mW
Po
Power Dissipation per Output
30
mW
Tj
Operating Junction Temperature
-40 to + 85
°C
Tstg
Storage Temperature
- 65 to 150
°C
ELECTRICAL CHARACTERISTICS
DC OPERATION
(VDD1 = 1.7 to 3.6 V; VDD2 = 1.75 to 4.2V; Vss1,2 = 0V; VLCD = 4.5 to 11 V; Tamb =-40 to 85°C; unless otherwise specified)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Supply Voltages
VDD1
Supply Voltage
note 9
1.7
3.6
V
VDD2
Supply Voltage
LCD Voltage Internally
generated
1.75
4.2
V
VLCDIN
LCD Supply Voltage
LCD Voltage Supplied externally
4.5
11
V
VLCDOUT LCD Supply Voltage
Internally generated; note 1
4.5
11
V
I(VDD1)
Supply Current
VDD1 = 2.8V; VLCD = 7.6V;
fsclk = 0;Tamb = 25°C; note 3.
15
20
30
µA
VDD1 = 2.8V; VLCD = 7.6V;
fsclk = 1Mhz;Tamb = 25°C; note 3,
8. OSC_IN=GND; parallel port
120
150
µA
I(VDD2)
Voltage Generator Supply
Current
with VOP = 0 and PRS = [0:0]
with external VLCD
1
µA
VDD2= 2.8V;VLCD=7.6V; fsclk= 0;
Tamb = 25°C; no display load; 4x
charge pump; note 2,3,6,
10
35
µA
I(VDD1,2) Total Supply Current
VDD1,VDD2= 2.8V; VLCD = 7.6V;
4x charge pump; fsclk = 0;Tamb =
25°C; no display load; note 2,3,6
25
65
µA
Power down Mode with internal
or External VLCD. Note 4
35
µA
I(VLDCIN) External LCD Supply Voltage
Current
VDD =2.8V; VLCD =7.6V;no
display load; fsclk = 0; Tamb =
25°C; note 3.
510
15
µA
Logic Outputs
V0H
High logic Level Output Voltage
IOH=-500
µA
0.8VDD1
VDD1
V
VOL
Low logic Level Output Voltage
IOL=500
µAVSS
0.2VDD1
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com