Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS80C320-ENG Datasheet(PDF) 82 Page - Dallas Semiconductor

Part # DS80C320-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS80C320-ENG Datasheet(HTML) 82 Page - Dallas Semiconductor

Back Button DS80C320-ENG Datasheet HTML 78Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 79Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 80Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 81Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 82Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 83Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 84Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 85Page - Dallas Semiconductor DS80C320-ENG Datasheet HTML 86Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 175 page
background image
High-Speed Microcontroller User’s Guide
82 of 175
ROMSIZE REGISTER SETTINGS Table 6-2
RMS2
RMS1
RMS0
Max. On-chip ROM
0
0
0
0KB
0
0
1
1KB
0
1
0
2KB
0
1
1
4KB
1
0
0
8KB
1
0
1
16KB
1
1
0
32KB
1
1
1
64KB
After reset, a device with internal program memory will reset the ROMSIZE bits to their default setting.
This will be the maximum amount of on-chip memory for that device. The procedure to reconfigure the
amount of on-chip memory is as follows:
1. Jump to a location in program memory that will be unaffected by the change,
2. Disable interrupts by clearing the EA bit (IE.7),
3. Write AAh to the Timed Access Register (TA;C7h),
4. Write 55h to the Timed Access Register (TA;C7h),
5. Modify the ROM Size Select bits (RMS2-RMS0),
6. Delay 2 machine cycles (2 NOP instructions),
7. Enable interrupts by setting the EA bit (IE.7).
If the 0KB of internal program memory setting is selected, extra precautions must be taken. In this case,
it will be necessary to duplicate the interrupt vector table in external program memory. This is because
the interrupt vector table is located in the lower 1KB of memory, and the device will automatically
redirect any fetches from the interrupt vector table to external memory. Care must be exercised when
assembling or compiling the program so that all the modules are located at the correct starting address,
including the interrupt vector table.
PROGRAM MEMORY INTERCONNECT
The program memory interconnect scheme for the High-Speed Microcontroller family is shown in Figure
6-1. This example uses the DS80C320 and one 32K x 8 EPROM. The Program Store Enable (PSEN)
signal is used to provide an output enable to the EPROM. It can also be used to provide a chip enable,
but this produces less favorable timing. The address LSB and data are multiplexed on port 0, and the
address MSB is provided on port 2. An external latch, shown in the diagram as a 74F373, is used to latch
the lower byte of the address to the memory device. The Address Latch Enable (ALE) signal controls the
timing of the latch so that the operation is performed in the proper sequence. The signals and relative
timing for a program access are shown in Figure 6-2.
When implementing a high-speed memory interface, the F series (or faster) logic should be used. HC
logic will have worst case propagation delays that are too long. Specifications for all devices should be
checked. More information on memory interface timing can be found in Application Note 57, DS80C320
Memory Interface Timing, and Application Note 85, High Speed Microcontroller Interface Timing.
The first product in the family, the DS80C320, provides an extremely high-speed interface to external
ROM or EPROM. This assures that the user can use the slowest, and least expensive, memory device for
a given crystal speed. The DS80C320 provides very fast slew rates, but controls ringing and overshoot.
Fast slew rates allow the maximum possible time for memory access. In most cases, however, these
aspects will be transparent to the user. Refer to the electrical specifications for exact timing of each
product.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com